Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411CC Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32F411CC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411CC Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32F411CC Datasheet HTML 42Page - STMicroelectronics STM32F411CC Datasheet HTML 43Page - STMicroelectronics STM32F411CC Datasheet HTML 44Page - STMicroelectronics STM32F411CC Datasheet HTML 45Page - STMicroelectronics STM32F411CC Datasheet HTML 46Page - STMicroelectronics STM32F411CC Datasheet HTML 47Page - STMicroelectronics STM32F411CC Datasheet HTML 48Page - STMicroelectronics STM32F411CC Datasheet HTML 49Page - STMicroelectronics STM32F411CC Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 149 page
background image
Pinouts and pin description
STM32F411xC STM32F411xE
46/149
DocID026289 Rev 6
43
59
D4
93
B4
PB7
I/O FT
-
TIM4_CH2,
I2C1_SDA,
USART1_RX,
SDIO_D0,
EVENTOUT
-
44
60
A5
94
A4
BOOT0
I
B
-
-
VPP
45
61
B5
95
A3
PB8
I/O FT
-
TIM4_CH3,
TIM10_CH1,
I2C1_SCL,
SPI5_MOSI/I2S5_SD,
I2C3_SDA, SDIO_D4,
EVENTOUT
-
46
62
C5
96
B3
PB9
I/O FT
-
TIM4_CH4,
TIM11_CH1,
I2C1_SDA,
SPI2_NSS/I2S2_WS,
I2C2_SDA, SDIO_D5,
EVENTOUT
-
-
-
-
97
C3
PE0
I/O FT
-
TIM4_ETR,
EVENTOUT
-
-
-
-
98
A2
PE1
I/O FT
-
EVENTOUT
-
47
63
A6
99
-
VSS
S
-
-
-
-
-
-
B6
-
H3
PDR_ON
I
FT
-
-
-
48
64
A7
100
-
VDD
S
-
-
-
-
1. Function availability depends on the chosen device.
2. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current (3
mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF.
- These I/Os must not be used as a current source (e.g. to drive an LED).
3. Main function after the first backup domain power-up. Later on, it depends on the contents of the RTC registers even after
reset (because these registers are not reset by the main reset). For details on how to manage these I/Os, refer to the RTC
register description sections in the STM32F411xx reference manual.
4. FT = 5 V tolerant except when in analog mode or oscillator mode (for PC14, PC15, PH0 and PH1).
5. If the device is delivered in an UFBGA100 and the BYPASS_REG pin is set to VDD (Regulator off/internal reset ON mode),
then PA0 is used as an internal Reset (active low)
Table 8. STM32F411xC/xE pin definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com