Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411RET7 Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32F411RET7
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411RET7 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32F411RET7 Datasheet HTML 70Page - STMicroelectronics STM32F411RET7 Datasheet HTML 71Page - STMicroelectronics STM32F411RET7 Datasheet HTML 72Page - STMicroelectronics STM32F411RET7 Datasheet HTML 73Page - STMicroelectronics STM32F411RET7 Datasheet HTML 74Page - STMicroelectronics STM32F411RET7 Datasheet HTML 75Page - STMicroelectronics STM32F411RET7 Datasheet HTML 76Page - STMicroelectronics STM32F411RET7 Datasheet HTML 77Page - STMicroelectronics STM32F411RET7 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 149 page
background image
Electrical characteristics
STM32F411xC STM32F411xE
74/149
DocID026289 Rev 6
Table 26. Typical and maximum current consumption in Sleep mode - VDD = 3.6 V
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA =
125 °C
IDD
Supply current
in Sleep mode
External clock, PLL
ON(2),
all peripherals
enabled(3)(4)
100
12.2
13.2
13.4
14.1
15.3
mA
84
9.8
10.6
10.9
11.6
12.8
64
6.9
7.4
7.7
8.3
9.5
50
5.4
5.9
6.2
6.8
8.0
20
2.8
3.2
3.5
4.1
5.3
HSI, PLL OFF(2), all
peripherals enabled(3)
16
1.3
1.7
2.2
2.8
4.0
1
0.4
0.5
0.9
1.6
2.8
External clock, PLL ON(2)
all peripherals disabled(3)
100
3.0
3.6
3.9
4.5
5.7
84
2.5
3.0
3.2
3.9
5.1
64
1.9
2.2
2.5
3.0
4.2
50
1.6
1.9
2.1
2.7
3.9
20
1.1
1.4
1.7
2.3
3.5
HSI, PLL OFF(2), all
peripherals disabled(3)
16
0.4
0.5
0.9
1.6
2.8
1
0.3
0.4
0.8
1.5
2.7
1. Guaranteed by characterization results.
2. Refer to Table 41 and RM0383 for the possible PLL VCO setting.
3. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only
while the ADC is ON (ADON bit is set in the ADC_CR2 register).
4. When the ADC is ON (ADON bit set in the ADC_CR2), add an additional power consumption of 1.6mA per ADC for the
analog part.
Table 27. Typical and maximum current consumptions in Stop mode - VDD = 1.7 V
Symbol
Conditions
Parameter
Typ(1)
Max(1)
Unit
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA =
125 °C
IDD_STOP
Flash in Stop mode, all
oscillators OFF, no
independent watchdog
Main regulator usage
112
142(2) 400
710(2)
1200
µA
Low power regulator usage
42.6
67(2)
300
580(2)
1044
Flash in Deep power
down mode, all
oscillators OFF, no
independent watchdog
Main regulator usage
75
99(2)
310
580(2)
993
Low power regulator usage
13.6
37(2)
265
550(2)
1007
Low power low voltage regulator
usage
9
28(2)
230
500(2)
910
1. Guaranteed by characterization results.
2. Guaranteed by test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com