Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411RET7 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32F411RET7
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411RET7 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32F411RET7 Datasheet HTML 38Page - STMicroelectronics STM32F411RET7 Datasheet HTML 39Page - STMicroelectronics STM32F411RET7 Datasheet HTML 40Page - STMicroelectronics STM32F411RET7 Datasheet HTML 41Page - STMicroelectronics STM32F411RET7 Datasheet HTML 42Page - STMicroelectronics STM32F411RET7 Datasheet HTML 43Page - STMicroelectronics STM32F411RET7 Datasheet HTML 44Page - STMicroelectronics STM32F411RET7 Datasheet HTML 45Page - STMicroelectronics STM32F411RET7 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 149 page
background image
Pinouts and pin description
STM32F411xC STM32F411xE
42/149
DocID026289 Rev 6
21
29
E3
47
L10 PB10
I/O FT
-
TIM2_CH3,
I2C2_SCL,
SPI2_SCK/I2S2_CK,
I2S3_MCK, SDIO_D7,
EVENTOUT
-
-
-
-
-
K9
PB11
I/O FT
-
TIM2_CH4,
I2C2_SDA,
I2S2_CKIN,
EVENTOUT
-
22
30
G2
48
L11 VCAP_1
S
-
-
-
-
23
31
D3
49
F12 VSS
S
-
-
-
-
24
32
F2
50
G12 VDD
S
-
-
-
-
25
33
E2
51
L12 PB12
I/O FT
-
TIM1_BKIN,
I2C2_SMBA,
SPI2_NSS/I2S2_WS,
SPI4_NSS/I2S4_WS,
SPI3_SCK/I2S3_CK,
EVENTOUT
-
26
34
G1
52
K12 PB13
I/O FT
-
TIM1_CH1N,
SPI2_SCK/I2S2_CK,
SPI4_SCK/I2S4_CK,
EVENTOUT
-
27
35
F1
53
K11 PB14
I/O FT
-
TIM1_CH2N,
SPI2_MISO,
I2S2ext_SD,
SDIO_D6,
EVENTOUT
-
28
36
E1
54
K10 PB15
I/O FT
-
RTC_50Hz,
TIM1_CH3N,
SPI2_MOSI/I2S2_SD,
SDIO_CK,
EVENTOUT
RTC_REFIN
-
-
-
55
-
PD8
I/O FT
-
-
-
-
-
-
56
K8
PD9
I/O FT
-
-
-
-
-
-
57
J12 PD10
I/O FT
-
-
-
-
-
-
58
J11 PD11
I/O FT
-
-
-
-
-
-
59
J10 PD12
I/O FT
-
TIM4_CH1,
EVENTOUT
-
Table 8. STM32F411xC/xE pin definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com