Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MTP
Description  Wet Tantalum Capacitors Subminiature, Axial Leads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MTP Datasheet(HTML) 2 Page - Vishay Siliconix

  MTP Datasheet HTML 1Page - Vishay Siliconix MTP Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MTP
Vishay Sprague
Document Number: 42076
Revision 24-Jul-02
www.vishay.com
For technical questions, contact wettants@vishay.com
Max
Z
Ω
Ω
Ω
Ω
Ω
Max
ESR
Ω
Ω
Ω
Ω
Ω
Case
Volts
Cap
15
6
D
MTP156*006P1D
2.0
6.0
15.9
300
-40
+15
47
6
A
MTP476*006P1A
2.0
6.0
9.6
85
-60
+15
150
6
B
MTP157*006P1B
2.0
8.0
3.9
35
-50
+15
180
6
B
MTP187*006P1B
2.0
8.0
3.4
32
-50
+15
450
6
C
MTP457*006P1C
2.0
10.0
1.9
25
-60
+15
470
6
C
MTP477*006P1C
2.0
10.0
1.8
23
-60
+15
10
10
D
MTP106*010P1D
2.0
6.0
18.6
380
-40
+15
33
10
A
MTP336*010P1A
2.0
6.0
11.3
100
-40
+15
100
10
B
MTP107*010P1B
2.0
8.0
4.0
46
-45
+15
120
10
B
MTP127*010P1B
2.0
8.0
3.5
42
-50
+15
300
10
C
MTP307*010P1C
2.0
10.0
1.8
31
-60
+15
330
10
C
MTP337*010P1C
2.0
10.0
1.6
31
-60
+15
22
15
A
MTP226*015P1A
2.0
6
12.1
120
-40
+12
68
15
B
MTP686*015P1B
2.0
8.0
6.2
58
-45
+12
80
15
B
MTP806*015P1B
2.0
8.0
5.3
50
-45
+12
200
15
C
MTP207*015P1C
2.0
10.0
2.0
37
-50
+12
220
15
C
MTP227*015P1C
2.0
10.0
1.8
36
-50
+12
6.8
20
D
MTP685*020P1D
2.0
6.0
27.3
445
-35
+11
15
20
A
MTP156*020P1A
2.0
6.0
17.7
150
-40
+11
47
20
B
MTP476*020P1B
2.0
8.0
6.8
73
-40
+11
60
20
B
MTP606*020P1B
2.0
8.0
7.1
60
-45
+11
150
20
C
MTP157*020P1C
2.0
10.0
2.7
38
-50
+11
6
30
D
MTP605*030P1D
2.0
6.0
30.9
459
-40
+10
10
30
A
MTP106*030P1A
2.0
6.0
21.2
200
-35
+10
45
30
B
MTP456*030P1B
2.0
8.0
7.1
80
-35
+10
120
30
C
MTP127*030P1C
2.0
10.0
3.3
42
-45
+10
4.7
35
D
MTP475*035P1D
2.0
6.0
39.5
570
-30
+10
10
35
A
MTP106*035P1A
2.0
6.0
21.2
240
-35
+10
100
35
C
MTP107*035P1C
2.0
10.0
4.0
48
-45
+10
4
50
D
MTP405*050P1D
2.0
6.0
39.8
600
-30
+10
6.8
50
A
MTP685*050P1A
2.0
6.0
31.2
310
-30
+10
30
50
B
MTP306*050P1B
2.0
8.0
9.7
120
-30
+10
33
50
B
MTP336*050P1B
2.0
8.0
8.8
120
-30
+10
68
50
C
MTP686*050P1C
2.0
10.0
4.3
54
-40
+10
78
50
C
MTP786*050P1C
2.0
10.0
3.7
52
-40
+10
3.3
60
D
MTP335*060P1D
2.0
6.0
48.2
680
-25
+9
4.7
60
A
MTP475*060P1A
2.0
6.0
39.5
400
-30
+9
6.8
60
A
MTP685*060P1A
2.0
6.0
31.2
367
-30
+9
10
60
B
MTP106*060P1B
2.0
8.0
23.9
217
-35
+9
15
60
B
MTP156*060P1B
2.0
8.0
17.7
174
-35
+9
22
60
B
MTP226*060P1B
2.0
8.0
14.5
140
-30
+9
33
60
C
MTP336*060P1C
2.0
10.0
7.2
75
-35
+9
47
60
C
MTP476*060P1C
2.0
10.0
5.6
62
-40
+9
68
60
C
MTP686*060P1C
2.0
10.0
4.3
51
-40
+9
* Insert Appropriate Letter Code For Tolerance: M =
± 20%, K = ± 10%
*12” Reel Size
CASE
STANDARD REEL QUANTITY (PCS)*
D
3500
A
3500
B
2000
C
700
STANDARD REEL SPECIFICATIONS
CAP
VOLTS
CASE
PART NUMBER
MAX DCL
MAX
MAX
MAX %
°C
(
µF)
DC
CODE
µA
ESR
Ω
Z
Ω
from + 25
°C
+ 25
°C+ 85°C+ 25°C- 55°C
to - 55
°C to + 85°C
STANDARD RATINGS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com