Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MTP
Description  Wet Tantalum Capacitors Subminiature, Axial Leads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MTP Datasheet(HTML) 1 Page - Vishay Siliconix

  MTP Datasheet HTML 1Page - Vishay Siliconix MTP Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MTP
Vishay Sprague
Document Number: 42076
Revision 24-Jul-02
www.vishay.com
For technical questions, contact wettants@vishay.com
FEATURES
• Maximum CV/Unit volume
• Ruggedized construction
• Low dissipation factor
• Low DC leakage
• 100% 25
°C DCL screening
• 100% voltage age @ 85
°C - 8 hours
• 100% cap & DF screening
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55
°C to + 85°C
Voltage Range: 6 to 60VDC
Reverse Voltage: None
Capacitance Range: 3.3
µF to 470µF
Tolerance Range:
± 10%, ± 20%
DC Leakage:
At + 25
°C: 2.0µA max
At + 85
°C: 6.0 to 10.0µA max
APPLICATIONS
• Timing Circuits
• Filter Coupling
• Energy Storage
• By-Pass Circuits
MTP
156
K
006
P
1
D
CASE
CODE
P = Polar
D
L
APPROX WT
Case
Inches [mm]
Inches [mm]
Grams*
D
0.115 [2.92]
0.300 [7.62]
0.40
A
0.115 [2.92]
0.403 [10.23]
0.50
B
0.145 [3.68]
0.600 [15.24]
1.00
C
0.225 [5.72]
0.778 [19.76]
2.60
MAX RMS RIPPLE CURRENT @ 85
°C
Case Code
DA
B
C
Milliamps
7.5
12.5
50
140
MODEL
MTP
Sub-miniature
CAPACITANCE CODE
This is expressed in
picofarads. The first
two digits are the
significant figures. The
third is the number of
zeros to follow.
CAPACITANCE
TOLERANCE
M =
± 20%
K =
± 10%
DC VOLTAGE
RATING
This is expressed in
volts. To complete
the three-digit block,
zeros precede the
voltage rating.
CASE SIZE
CODE
STYLE
NUMBER
1 = Mylar Sleeve
ORDERING INFORMATION
*1 Gram = .035 oz.
DIMENSIONS in inches [millimeters]
Wet Tantalum Capacitors
Subminiature, Axial Leads
Case Sizes: (Four) .115 x .300 to .225 x .778
1.500
± 0.250
(38.1
± 6.35)
LEAD DIAM.
0.020
± 0.001
CASE INSULATED
RED EPOXY TO
INDICATE POSITIVE LEAD END
L MAX.
D MAX.
1.500
± 0.250
(38.1
± 6.35)


Similar Part No. - MTP

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTP-1010-G ADAM-TECH-MTP-1010-G Datasheet
225Kb / 2P
MODULAR TELEPHONE PLUGS
MTP-1010-X ADAM-TECH-MTP-1010-X Datasheet
82Kb / 1P
909 Rahway Avenue
MTP-1515-X ADAM-TECH-MTP-1515-X Datasheet
113Kb / 1P
MODULAR TELEPHONE PLUG
MTP-44 ADAM-TECH-MTP-44 Datasheet
225Kb / 2P
MODULAR TELEPHONE PLUGS
MTP-44-G ADAM-TECH-MTP-44-G Datasheet
225Kb / 2P
MODULAR TELEPHONE PLUGS
More results

Similar Description - MTP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
Wet Tantalum Capacitors
02-Sep-03
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
Wet Tantalum HI-TMP Capacitors Tantalum Case
21-Mar-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
Wet Tantalum Capacitors Tantalum-Case
09-Apr-13
93026-38KS VISHAY-93026-38KS Datasheet
72Kb / 4P
DSCC 93026 SuperTan Wet Tantalum Capacitors
01-Feb-12
136D VISHAY-136D Datasheet
109Kb / 7P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation, Low ESR
05-Dec-14
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
Wet Tantalum SMD Capacitors, Tantalum Metal Case with Glass-to-Tantalum Hermetic Seal, DLA Approved
18-Jun-2019
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C, DLA Approved
09-Dec-16
DLA13017 VISHAY-DLA13017 Datasheet
111Kb / 5P
Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C, DLA Approved
09-Mar-16
T16 VISHAY-T16 Datasheet
96Kb / 5P
Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C
06-Jul-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com