Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV3525INECBB Datasheet(PDF) 2 Page - Texas Instruments

Part # TNETV3525INECBB
Description  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV3525INECBB Datasheet(HTML) 2 Page - Texas Instruments

  TNETV3525INECBB Datasheet HTML 1Page - Texas Instruments TNETV3525INECBB Datasheet HTML 2Page - Texas Instruments TNETV3525INECBB Datasheet HTML 3Page - Texas Instruments TNETV3525INECBB Datasheet HTML 4Page - Texas Instruments TNETV3525INECBB Datasheet HTML 5Page - Texas Instruments TNETV3525INECBB Datasheet HTML 6Page - Texas Instruments TNETV3525INECBB Datasheet HTML 7Page - Texas Instruments TNETV3525INECBB Datasheet HTML 8Page - Texas Instruments TNETV3525INECBB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Associative)
Luma and Chroma Separate Video (S-
Video)
– 16-KB Data Cache (4-Way Set-Associative)
– Rotation 90-, 180-, and 270-Degrees
– 256-KB L2 Cache
– Resize Images From 1/4x to 8x
• 112KB of ROM
– Color Space Converter
• 64KB of Shared SRAM
– 8-Bit Alpha Blending
• Endianess:
• Serial Communication
– ARM Instructions – Little Endian
– 5 Multichannel Buffered Serial Ports
– ARM Data – Configurable
(McBSPs)
– DSP Instruction and Data - Little Endian
512-Byte Transmit and Receive Buffer
• External Memory Interfaces:
(McBSP1, McBSP3, McBSP4, and
– SDRAM Controller (SDRC)
McBSP5)
16- and 32-Bit Memory Controller with
5-KB Transmit and Receive Buffer
1GB of Total Address Space
(McBSP2)
Interfaces to Low-Power Double Data
SIDETONE Core Support (McBSP2 and
Rate (LPDDR) SDRAM
McBSP3 Only) For Filter, Gain, and Mix
SDRAM Memory Scheduler (SMS) and
Operations
Rotation Engine
Direct Interface to I2S and PCM Device
– General Purpose Memory Controller (GPMC)
and TDM Buses
16-Bit-Wide Multiplexed Address and
128-Channel Transmit and Receive Mode
Data Bus
– Four Master or Slave Multichannel Serial
Up to 8 Chip-Select Pins with 128-MB
Port Interface (McSPI) Ports
Address Space per Chip-Select Pin
– High-, Full-, and Low-Speed USB OTG
Glueless Interface to NOR Flash, NAND
Subsystem (12- and 8-Pin ULPI Interface)
Flash (with ECC Hamming Code
– High-, Full-, and Low-Speed Multiport USB
Calculation), SRAM, and Pseudo-SRAM
Host Subsystem
Flexible Asynchronous Protocol Control
12- and 8-Pin ULPI Interface or 6-, 4-, and
for Interface to Custom Logic (FPGA,
3-Pin Serial Interface
CPLD, ASICs, and so forth)
Supports Transceiverless Link Logic
Nonmultiplexed Address and Data Mode
(TLL)
(Limited 2-KB Address Space)
– One HDQ™/1-Wire® Interface
• System Direct Memory Access (sDMA)
– Three UARTs (One with Infrared Data
Controller (32 Logical Channels with
Association [IrDA] and Consumer Infrared
Configurable Priority)
[CIR] Modes)
• Camera Image Signal Processor (ISP)
– Three Master and Slave High-Speed Inter-
– CCD and CMOS Imager Interface
Integrated Circuit (I2C) Controllers
– Memory Data Input
• Removable Media Interfaces:
– BT.601 (8-Bit) and BT.656 (10-Bit) Digital
– Three Multimedia Card (MMC)/Secure Digital
YCbCr 4:2:2 Interface
(SD) with Secure Data I/O (SDIO)
– Glueless Interface to Common Video
• Comprehensive Power, Reset, and Clock
Decoders
Management
– Resize Engine
– SmartReflex™ Technology
Resize Images From 1/4x to 4x
– Dynamic Voltage and Frequency Scaling
Separate Horizontal and Vertical Control
(DVFS)
• Display Subsystem
• Test Interfaces
– Parallel Digital Output
– IEEE 1149.1 (JTAG) Boundary-Scan
Up to 24-Bit RGB
Compatible
HD Maximum Resolution
– ETM Interface
Supports Up to 2 LCD Panels
– Serial Data Transport Interface (SDTI)
Support for Remote Frame Buffer
• 12 32-Bit General-Purpose Timers
Interface (RFBI) LCD Panels
• 2 32-Bit Watchdog Timers
– 2 10-Bit Digital-to-Analog Converters (DACs)
• 1 32-Bit 32-kHz Sync Timer
Supporting:
• Up to 188 General-Purpose I/O (GPIO) Pins
Composite NTSC and PAL Video
(Multiplexed with Other Device Functions)
2
OMAP3530 and OMAP3525 Applications Processors
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com