Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV3525INECBB Datasheet(PDF) 8 Page - Texas Instruments

Part # TNETV3525INECBB
Description  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV3525INECBB Datasheet(HTML) 8 Page - Texas Instruments

Back Button TNETV3525INECBB Datasheet HTML 4Page - Texas Instruments TNETV3525INECBB Datasheet HTML 5Page - Texas Instruments TNETV3525INECBB Datasheet HTML 6Page - Texas Instruments TNETV3525INECBB Datasheet HTML 7Page - Texas Instruments TNETV3525INECBB Datasheet HTML 8Page - Texas Instruments TNETV3525INECBB Datasheet HTML 9Page - Texas Instruments TNETV3525INECBB Datasheet HTML 10Page - Texas Instruments TNETV3525INECBB Datasheet HTML 11Page - Texas Instruments TNETV3525INECBB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
1
OMAP3530 and OMAP3525 Applications
4.2
Output Clock Specifications
....................... 140
Processors
............................................... 1
4.3
DPLL and DLL Specifications
..................... 142
1.1
Features
............................................. 1
5
VIDEO DAC SPECIFICATIONS
.................... 148
1.2
Applications
.......................................... 3
5.1
Interface Description
.............................. 148
1.3
Description
........................................... 4
5.2
Electrical Specifications Over Recommended
Operating Conditions
.............................. 150
1.4
Functional Block Diagram
........................... 5
5.3
Analog Supply (vdda_dac) Noise Requirements
. 152
Revision History
.............................................. 9
5.4
External Component Value Choice
............... 153
2
TERMINAL DESCRIPTION
........................... 10
6
TIMING REQUIREMENTS AND SWITCHING
2.1
Terminal Assignment
............................... 10
CHARACTERISTICS
................................. 154
2.2
Pin Assignments
.................................... 14
6.1
Timing Test Conditions
........................... 154
2.3
Ball Characteristics
................................. 27
6.2
Interface Clock Specifications
..................... 154
2.4
Multiplexing Characteristics
........................ 86
6.3
Timing Parameters
................................ 155
2.5
Signal Description
.................................. 94
6.4
External Memory Interfaces
....................... 156
3
ELECTRICAL CHARACTERISTICS
............... 119
6.5
Video Interfaces
................................... 185
3.1
Power Domains
................................... 119
6.6
Serial Communications Interfaces
................ 202
3.2
Absolute Maximum Ratings
....................... 121
6.7
Removable Media Interfaces
...................... 235
3.3
Recommended Operating Conditions
............. 123
6.8
Test Interfaces
.................................... 250
3.4
DC Electrical Characteristics
...................... 125
7
PACKAGE CHARACTERISTICS
................... 256
3.5
Core Voltage Decoupling
......................... 128
7.1
Package Thermal Resistance
..................... 256
3.6
Power-up and Power-down
....................... 130
7.2
Device Support
.................................... 256
4
CLOCK SPECIFICATIONS
.......................... 134
4.1
Input Clock Specifications
......................... 135
8
Contents
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com