Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STO150GK12S Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # STO150GK12S
Description  Single Thyristor Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STO150GK12S Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  STO150GK12S Datasheet HTML 1Page - Sirectifier Semiconductors STO150GK12S Datasheet HTML 2Page - Sirectifier Semiconductors STO150GK12S Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Symbol
Test Conditions
t
n
e
r
r
u
c
C
D
RthJC
0.20
t
n
e
r
r
u
c
C
D
RthCH
0.10
Characteristic Values
Unit
V
VT
IT=450A; TVJ =25oC
1.45
VTO
For power-loss calculations only
0.80
V
rT
3.8
m
VD=6V;
TVJ=25oC
TVJ=-40oC
VGT
1.5
1.6
V
VD=6V;
TVJ=25oC
TVJ=-40oC
IGT
150
200
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.2
V
IGD
5
IH
TVJ=25oC; VD=6V; RGK=
200
TVJ=25oC; tp=10us
IG=0.3A; diG/dt=0.3A/us
450
mA
IL
K/W
dS
Creeping distance on surface
8
dA
Creepage distance in air
4
mm
a
Max. allowable acceleration
50
m/s2
IR, ID
TVJ=TVJM; VR=VRRM; VD=VDRM
10
mA
TVJ=25oC; VD=1/2VDRM
IG=0.3A; diG/dt=0.3A/us
tgd
2
TVJ=TVJM; IT=20A; tp=200us; di/dt=-10A/us
typ.
VR=100V; dv/dt=15V/us; VD=2/3VDRM
tq
150
us
ADVANTAGES
APPLICATIONS
*Switching
d
n
a
l
o
rt
n
o
c
f
o
e
l
g
n
i
s
d
n
a
e
e
r
h
t
phase C
A Softstart
C
A
*
motor controller
*Solid
s
e
t
a
t
s
switches
*Light and temperature
l
o
rt
n
o
c
*Easy o
t
t
n
u
o
m
h
ti
w
o
w
t
screws
*Space
d
n
a
t
h
g
i
e
w
s
g
n
i
v
a
s
*Improved
e
r
u
t
a
r
e
p
m
e
t
d
n
a
r
e
w
o
p
g
n
il
c
y
c
*High
r
e
w
o
p
density
FEATURES
*Thyristor
r
o
f
C
A
r
o
f
r
e
ll
o
rt
n
o
c
y
c
n
e
u
q
e
rf
s
n
i
a
m
*International
d
r
a
d
n
a
t
s
e
g
a
k
c
a
p
SOT-227B
P
O
T
O
S
I(
)
e
l
b
it
a
p
m
o
c
*Isolation
e
g
a
tl
o
v
~
V
0
0
5
2
s
p
i
h
c
d
e
t
a
v
i
s
s
a
p
s
s
a
l
G
*
*UL File NO. E310749
*RoHS compliant
STO150GKXXS
Single Thyristor Modules
Page2
© 2009 SIRECTIFIER All rights reserved
www.sirectifier.com Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com