Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STO150GK12S Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # STO150GK12S
Description  Single Thyristor Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STO150GK12S Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  STO150GK12S Datasheet HTML 1Page - Sirectifier Semiconductors STO150GK12S Datasheet HTML 2Page - Sirectifier Semiconductors STO150GK12S Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
10
100
1000
0.1
1
10
I
G
VG
mA
1: IGT, TVJ = 125°C
2: IGT, TVJ = 25°C
3: IGT, TVJ = -40°C
V
4: PGAV = 0.5 W
5: PGM = 5 W
6: PGM = 10 W
IGD, TVJ = 125°C
3
4
2
1
5 6
Fig. 1 Gate trigger characteristics
10
100
1000
1
10
100
1000
µ
s
tgd
IG
mA
T
VJ = 25°C
typ.
Limit
Fig. 2 Gate trigger delay time
0.001
0.01
0.1
1
0
1200
1400
1600
1800
2000
2200
s
A
ITSM
80 % VRRM
50 Hz
t
0.01
0.1
1
10
0
75
100
125
150
175
200
225
250
s
IRMS
t
T
VJ = 150°C
TC = 85°C
A
TVJ =150°C
TVJ =45°C
Fig.4 Surge overload current
Fig.3 Rated RMS current versus time
(360° conduction)
STO150GKXXS
Single Thyristor Modules
Page3
© 2009 SIRECTIFIER All rights reserved
www.sirectifier.com Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com