Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30L30DJF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS30L30DJF
Description  High efficiency power Schottky diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L30DJF Datasheet(HTML) 1 Page - STMicroelectronics

  STPS30L30DJF Datasheet HTML 1Page - STMicroelectronics STPS30L30DJF Datasheet HTML 2Page - STMicroelectronics STPS30L30DJF Datasheet HTML 3Page - STMicroelectronics STPS30L30DJF Datasheet HTML 4Page - STMicroelectronics STPS30L30DJF Datasheet HTML 5Page - STMicroelectronics STPS30L30DJF Datasheet HTML 6Page - STMicroelectronics STPS30L30DJF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is information on a product in full production.
March 2012
Doc ID 022946 Rev 1
1/7
7
STPS30L30DJF
High efficiency power Schottky diode
Datasheet
− production data
Features
■
Low forward voltage drop
■
Very small conduction losses
■
Negligible switching losses
■
Avalanche rated
■
Extremely fast switching
■
Low thermal resistance
■
1 mm package thickness
■
ECOPACK®2 compliant component
Description
Single Schottky rectifier suited for switch mode
power supply and high frequency DC to DC
converters.
Packaged in PowerFLAT™ 5x6, this device is
intended for use in low voltage high frequency
inverters.
TM: PowerFLAT is a trademark of STMicroelectronics
Table 1.
Device summary
Symbol
Value
IF(AV)
30 A
VRRM
30 V
Tj (max)
150 °C
VF(typ)
0.30 V
K
A
A
K
K
A
A
PowerFLAT 5x6
STPS30L30DJF
www.st.com


Similar Part No. - STPS30L30DJF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30L30DJF STMICROELECTRONICS-STPS30L30DJF Datasheet
321Kb / 9P
30 V, 30 A high efficiency PowerFLAT power Schottky diode
05-Dec-2022
STPS30L30DJF-TR STMICROELECTRONICS-STPS30L30DJF-TR Datasheet
321Kb / 9P
30 V, 30 A high efficiency PowerFLAT power Schottky diode
05-Dec-2022
STPS30L30DJF STMICROELECTRONICS-STPS30L30DJF_V01 Datasheet
321Kb / 9P
30 V, 30 A high efficiency PowerFLAT power Schottky diode
05-Dec-2022
More results

Similar Description - STPS30L30DJF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1302CT STMICROELECTRONICS-STTH1302CT Datasheet
112Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Aug-2002
logo
BCD Semiconductor Manuf...
MBR2045C BCDSEMI-MBR2045C Datasheet
449Kb / 9P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS30M60DJF STMICROELECTRONICS-STPS30M60DJF Datasheet
177Kb / 8P
High efficiency power Schottky diode
18-Apr-2012
logo
BCD Semiconductor Manuf...
MBR2045C BCDSEMI-MBR2045C_11 Datasheet
903Kb / 11P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
MBR3045C BCDSEMI-MBR3045C Datasheet
857Kb / 11P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS40M60CT STMICROELECTRONICS-STPS40M60CT Datasheet
131Kb / 10P
High efficiency 60 V power Schottky rectifier
11-May-2011
logo
Diodes Incorporated
MBR2045C DIODES-MBR2045C Datasheet
454Kb / 8P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 4
MBR3045C DIODES-MBR3045C Datasheet
434Kb / 7P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 3
MBR2045LC DIODES-MBR2045LC Datasheet
323Kb / 6P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 3
MBR3045C DIODES-MBR3045C_17 Datasheet
435Kb / 7P
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
Rev 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com