Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30L30DJF Datasheet (PDF) - STMicroelectronics

STPS30L30DJF Datasheet PDF - STMicroelectronics
Part # STPS30L30DJF
Download  STPS30L30DJF Download
File Size   321.32 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 V, 30 A high efficiency PowerFLAT power Schottky diode

STPS30L30DJF Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS30L30DJF Datasheet PDF - STMicroelectronics

Part # STPS30L30DJF
Download  STPS30L30DJF Click to download

File Size   321.32 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 V, 30 A high efficiency PowerFLAT power Schottky diode

STPS30L30DJF Datasheet (HTML) - STMicroelectronics


STPS30L30DJF Product details

Features
• Low forward voltage drop
• Very low conduction losses
• Negligible switching losses
• Extremely fast switching
• Low thermal resistance
• Avalanche rated
• High integration
• Thin package: 1 mm
• ECOPACK2 compliant




Similar Part No. - STPS30L30DJF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30L30DJF STMICROELECTRONICS-STPS30L30DJF Datasheet
175Kb / 7P
High efficiency power Schottky diode
16-Mar-2012
STPS30L30DJF-TR STMICROELECTRONICS-STPS30L30DJF-TR Datasheet
175Kb / 7P
High efficiency power Schottky diode
16-Mar-2012
More results


Similar Description - STPS30L30DJF

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS481N SECOS-SCS481N Datasheet
111Kb / 1P
VOLTAGE 30 V, 0.2 A Schottky Barrier Diode
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STL10N3LLH5 STMICROELECTRONICS-STL10N3LLH5 Datasheet
705Kb / 14P
N-channel 30 V, 0.015, 9 A, PowerFLAT 3.3x3.3 STripFET V Power MOSFET
09-Aug-2011
STL51N3LLH5 STMICROELECTRONICS-STL51N3LLH5 Datasheet
823Kb / 13P
N-channel 30 V, 0.0105, 51 A, PowerFLAT 5x6 STripFET V Power MOSFET
28-Jul-2011
logo
ON Semiconductor
NSR20306NXT5G ONSEMI-NSR20306NXT5G Datasheet
62Kb / 5P
2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR20305NXT5G ONSEMI-NSR20305NXT5G Datasheet
62Kb / 5P
2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR15304NXT5G ONSEMI-NSR15304NXT5G Datasheet
63Kb / 5P
1.5 A, 30 V, Schottky Barrier Diode
July, 2016 ??Rev. 1
logo
STMicroelectronics
STL60N3LLH5 STMICROELECTRONICS-STL60N3LLH5 Datasheet
587Kb / 12P
N-channel 30 V, 0.0063 Ω, 17 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
March 2010 Rev 1
logo
ON Semiconductor
FFSH3065B-F085 ONSEMI-FFSH3065B-F085 Datasheet
336Kb / 6P
Silicon Carbide Schottky Diode, 650 V, 30 A
May, 2018 ??Rev. 3
FFSB3065B-F085 ONSEMI-FFSB3065B-F085_V01 Datasheet
344Kb / 7P
Silicon Carbide Schottky Diode 650 V, 30 A
March, 2022 - Rev. 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com