Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30L30DJF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS30L30DJF
Description  30 V, 30 A high efficiency PowerFLAT power Schottky diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L30DJF Datasheet(HTML) 1 Page - STMicroelectronics

  STPS30L30DJF Datasheet HTML 1Page - STMicroelectronics STPS30L30DJF Datasheet HTML 2Page - STMicroelectronics STPS30L30DJF Datasheet HTML 3Page - STMicroelectronics STPS30L30DJF Datasheet HTML 4Page - STMicroelectronics STPS30L30DJF Datasheet HTML 5Page - STMicroelectronics STPS30L30DJF Datasheet HTML 6Page - STMicroelectronics STPS30L30DJF Datasheet HTML 7Page - STMicroelectronics STPS30L30DJF Datasheet HTML 8Page - STMicroelectronics STPS30L30DJF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
•
Low forward voltage drop
•
Very low conduction losses
•
Negligible switching losses
•
Extremely fast switching
•
Low thermal resistance
•
Avalanche rated
•
High integration
•
Thin package: 1 mm
•
ECOPACK2 compliant
Applications
•
Switching diode
•
SMPS
•
DC/DC converter
•
Telecom power
Description
This Schottky rectifier is ideally suited for switch mode power supply and high
frequency DC to DC converters.
Packaged in PowerFLAT 5x6, the STPS30L30DJF is optimized for use in low voltage
high frequency inverters, free-wheeling and polarity protection applications.
Its low profile was especially designed to be used in applications with space-saving
constraints.
Product status link
STPS30L30DJF
Product summary
Symbol
Value
IF(AV)
30 A
VRRM
30 V
Tj (max.)
150 °C
VF (typ.)
0.30 V
30 V, 30 A high efficiency PowerFLAT power Schottky diode
STPS30L30DJF
Datasheet
DS8955 - Rev 2 - December 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS30L30DJF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30L30DJF STMICROELECTRONICS-STPS30L30DJF Datasheet
175Kb / 7P
High efficiency power Schottky diode
16-Mar-2012
STPS30L30DJF-TR STMICROELECTRONICS-STPS30L30DJF-TR Datasheet
175Kb / 7P
High efficiency power Schottky diode
16-Mar-2012
More results

Similar Description - STPS30L30DJF

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS481N SECOS-SCS481N Datasheet
111Kb / 1P
VOLTAGE 30 V, 0.2 A Schottky Barrier Diode
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STL10N3LLH5 STMICROELECTRONICS-STL10N3LLH5 Datasheet
705Kb / 14P
N-channel 30 V, 0.015, 9 A, PowerFLAT 3.3x3.3 STripFET V Power MOSFET
09-Aug-2011
STL51N3LLH5 STMICROELECTRONICS-STL51N3LLH5 Datasheet
823Kb / 13P
N-channel 30 V, 0.0105, 51 A, PowerFLAT 5x6 STripFET V Power MOSFET
28-Jul-2011
logo
ON Semiconductor
NSR20306NXT5G ONSEMI-NSR20306NXT5G Datasheet
62Kb / 5P
2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR20305NXT5G ONSEMI-NSR20305NXT5G Datasheet
62Kb / 5P
2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR15304NXT5G ONSEMI-NSR15304NXT5G Datasheet
63Kb / 5P
1.5 A, 30 V, Schottky Barrier Diode
July, 2016 ??Rev. 1
logo
STMicroelectronics
STL60N3LLH5 STMICROELECTRONICS-STL60N3LLH5 Datasheet
587Kb / 12P
N-channel 30 V, 0.0063 Ω, 17 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
March 2010 Rev 1
logo
ON Semiconductor
FFSH3065B-F085 ONSEMI-FFSH3065B-F085 Datasheet
336Kb / 6P
Silicon Carbide Schottky Diode, 650 V, 30 A
May, 2018 ??Rev. 3
FFSB3065B-F085 ONSEMI-FFSB3065B-F085_V01 Datasheet
344Kb / 7P
Silicon Carbide Schottky Diode 650 V, 30 A
March, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com