Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30L30DJF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS30L30DJF
Description  30 V, 30 A high efficiency PowerFLAT power Schottky diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L30DJF Datasheet(HTML) 5 Page - STMicroelectronics

  STPS30L30DJF Datasheet HTML 1Page - STMicroelectronics STPS30L30DJF Datasheet HTML 2Page - STMicroelectronics STPS30L30DJF Datasheet HTML 3Page - STMicroelectronics STPS30L30DJF Datasheet HTML 4Page - STMicroelectronics STPS30L30DJF Datasheet HTML 5Page - STMicroelectronics STPS30L30DJF Datasheet HTML 6Page - STMicroelectronics STPS30L30DJF Datasheet HTML 7Page - STMicroelectronics STPS30L30DJF Datasheet HTML 8Page - STMicroelectronics STPS30L30DJF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
PowerFLAT 5x6 package information
•
Epoxy meets UL 94,V0
•
Cooling method: by conduction (C)
Figure 9. PowerFLAT 5x6 package outline (non-contractual)
Bottom view
Side view
Top view
Note:
This package drawing may slightly differ from the physical package. However, all the specified dimensions are
guaranteed.
STPS30L30DJF
Package information
DS8955 - Rev 2
page 5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com