Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C51MB2 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # P87C51MB2
Description  80C51 8-bit microcontroller family with extended memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51MB2 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button P87C51MB2 Datasheet HTML 14Page - NXP Semiconductors P87C51MB2 Datasheet HTML 15Page - NXP Semiconductors P87C51MB2 Datasheet HTML 16Page - NXP Semiconductors P87C51MB2 Datasheet HTML 17Page - NXP Semiconductors P87C51MB2 Datasheet HTML 18Page - NXP Semiconductors P87C51MB2 Datasheet HTML 19Page - NXP Semiconductors P87C51MB2 Datasheet HTML 20Page - NXP Semiconductors P87C51MB2 Datasheet HTML 21Page - NXP Semiconductors P87C51MB2 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
2001 Apr 06
18
Philips Semiconductors
Preliminary specification
P87C51MB2/P87C51MC2
80C51 8-bit microcontroller family with extended memory
64KB/96KB OTP with 2KB/3KB RAM
ABSOLUTE MAXIMUM RATINGS
Notes:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any conditions other than those described in the AC and DC
Electrical Characteristics section of this specification are not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of
excessive static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than
the rated maximum.
3. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
PARAMETER
RATING
UNIT
Operating temperature under bias
-55 to +125
°C
Storage temperature range
-65 to +150
°C
Voltage on EA/VPP pin to VSS
0 to + 13.0
V
Voltage on any other pin to VSS
-0.5 to VDD+0.5V
V
Maximum IOL per I/O pin
20
mA
Power dissipation (based on package heat transfer, not device power consumption)
1.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com