Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C51MB2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P87C51MB2
Description  80C51 8-bit microcontroller family with extended memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51MB2 Datasheet(HTML) 3 Page - NXP Semiconductors

  P87C51MB2 Datasheet HTML 1Page - NXP Semiconductors P87C51MB2 Datasheet HTML 2Page - NXP Semiconductors P87C51MB2 Datasheet HTML 3Page - NXP Semiconductors P87C51MB2 Datasheet HTML 4Page - NXP Semiconductors P87C51MB2 Datasheet HTML 5Page - NXP Semiconductors P87C51MB2 Datasheet HTML 6Page - NXP Semiconductors P87C51MB2 Datasheet HTML 7Page - NXP Semiconductors P87C51MB2 Datasheet HTML 8Page - NXP Semiconductors P87C51MB2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
2001 Apr 06
3
Philips Semiconductors
Preliminary specification
P87C51MB2/P87C51MC2
80C51 8-bit microcontroller family with extended memory
64KB/96KB OTP with 2KB/3KB RAM
COMPLETE FEATURES
• Fully static
• Up to 24 MHz CPU clock with 6 clock cycles per machine cycle
• 96 Kbytes or 64 Kbytes of on-chip OTP
• 3 Kbytes or 2 Kbytes of on-chip RAM
• 23-bit program memory space and 23-bit data memory space
• Four-level interrupt priority
• 34 I/O lines (5 ports)
• Three Timers: Timer0, Timer1 and Timer2
• Two full-duplex enhanced UARTs with baud rate generator
• Framing error detection
• Automatic address recognition
• Supports industry-standard Serial Peripheral Interface (SPI) with a baud rate up to 6 Mbits/sec
• Power control modes
• Clock can be stopped and resumed
• Idle mode
• Power down mode
• Second DPTR register
• Asynchronous port reset
• Programmable Counter Array (PCA) (compatible with 8xC51Rx+) with five Capture/Compare modules
• Low EMI (inhibit ALE)
• Watchdog timer with programmable prescaler for different time ranges (compatible with 8xC66x with added prescaler)
ORDERING INFORMATION
PART ORDER NUMBER
MEMORY
TEMPERATURE
RANGE AND
PACKAGE
VDD VOLTAGE
RANGE
FREQUENCY
DWG #
OTP
RAM
VDD =
2.7-5.5V
VDD =
4.5-5.5V
1
P87C51MB2BA
64 KB
2048 B
0 to +70°C, PLCC44
2.7-5.5V
4.5-5.5V
0-12MHz
0-24MHz
SOT187-2
2
P87C51MC2BA
96 KB
3072 B
0 to +70°C, PLCC44
2.7-5.5V
4.5-5.5V
0-12MHz
0-24MHz
SOT187-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com