Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS0540-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS0540-Y
Description  Automotive Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS0540-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STPS0540-Y Datasheet HTML 1Page - STMicroelectronics STPS0540-Y Datasheet HTML 2Page - STMicroelectronics STPS0540-Y Datasheet HTML 3Page - STMicroelectronics STPS0540-Y Datasheet HTML 4Page - STMicroelectronics STPS0540-Y Datasheet HTML 5Page - STMicroelectronics STPS0540-Y Datasheet HTML 6Page - STMicroelectronics STPS0540-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STPS0540-Y
Characteristics
Doc ID 17966 Rev 1
3/7
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Average forward current versus
ambient temperature ( δ = 0.5)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.00
0.05
0.10
0.15
0.20
0.25
0.30
IF(av) (A)
PF(av)(W)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
0
25
50
75
100
125
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Tamb(°C)
IF(av)(A)
T
δ=tp/T
tp
Figure 3.
Non repetitive surge peak forward
current versus overload duration
(maximum values)
Figure 4.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
1E-3
1E-2
1E-1
1E+0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
t(s)
IM(A)
IM
t
δ=0.5
Ta = 25°C
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
1E-3
1E-2
1E-1
1E+0
tp(s)
Zth(j-a)/Rth(j-a)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Epoxy printed circuit board
FR4 with recommended pad layout
Figure 5.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 6.
Reverse leakage current versus
junction temperature
(typical values)
0
5
10
15
20
25
30
35
40
1E-4
1E-3
1E-2
1E-1
1E+0
1E+1
5E+1
VR(V)
IR(mA)
Tj=70°C
Tj=25°C
Tj=100°C
Tj=125°C
0
25
50
75
100
125
1E-1
1E+0
1E+1
1E+2
1E+3
Tj(°C)
IR[Tj] / IR[Tj=25°C]
VR=VRRM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com