Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS0540-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS0540-Y
Description  Automotive Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS0540-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STPS0540-Y Datasheet HTML 1Page - STMicroelectronics STPS0540-Y Datasheet HTML 2Page - STMicroelectronics STPS0540-Y Datasheet HTML 3Page - STMicroelectronics STPS0540-Y Datasheet HTML 4Page - STMicroelectronics STPS0540-Y Datasheet HTML 5Page - STMicroelectronics STPS0540-Y Datasheet HTML 6Page - STMicroelectronics STPS0540-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS0540-Y
4/7
Doc ID 17966 Rev 1
Figure 7.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 8.
Forward voltage drop versus
forward current (maximum values)
12
5
10
20
40
60
10
20
50
100
200
VR(V)
C(pF)
F=1MHz
Tj=25°C
STPS0540Z
STPS0560Z
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
1E-3
1E-2
1E-1
1E+0
5E+0
VFM(V)
IFM(A)
Tj=25°C
Tj=100°C
Tj=100°C
Typical values



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com