Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30R04-Y Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH30R04-Y
Description  Low thermal resistance
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30R04-Y Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STTH30R04-Y Datasheet HTML 2Page - STMicroelectronics STTH30R04-Y Datasheet HTML 3Page - STMicroelectronics STTH30R04-Y Datasheet HTML 4Page - STMicroelectronics STTH30R04-Y Datasheet HTML 5Page - STMicroelectronics STTH30R04-Y Datasheet HTML 6Page - STMicroelectronics STTH30R04-Y Datasheet HTML 7Page - STMicroelectronics STTH30R04-Y Datasheet HTML 8Page - STMicroelectronics STTH30R04-Y Datasheet HTML 9Page - STMicroelectronics STTH30R04-Y Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Package information
STTH30R04-Y
6/10
DocID024454 Rev 1
Table 6. DO-247 dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.85
5.15
0.191
0.203
D
2.20
2.60
0.086
0.102
E
0.40
0.80
0.015
0.031
F
1.00
1.40
0.039
0.055
F2
2.00
0.078
F3
2.00
2.40
0.078
0.094
G
10.90
0.429
H
15.45
15.75
0.608
0.620
L
19.85
20.15
0.781
0.793
L1
3.70
4.30
0.145
0.169
L2
18.50
0.728
L3
14.20
14.80
0.559
0.582
L4
34.60
1.362
L5
5.50
0.216
M
2.00
3.00
0.078
0.118
V5°
5°
V2
60°
60°
Dia.
3.55
3.65
0.139
0.143



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com