Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30R04-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH30R04-Y
Description  Low thermal resistance
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30R04-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH30R04-Y Datasheet HTML 1Page - STMicroelectronics STTH30R04-Y Datasheet HTML 2Page - STMicroelectronics STTH30R04-Y Datasheet HTML 3Page - STMicroelectronics STTH30R04-Y Datasheet HTML 4Page - STMicroelectronics STTH30R04-Y Datasheet HTML 5Page - STMicroelectronics STTH30R04-Y Datasheet HTML 6Page - STMicroelectronics STTH30R04-Y Datasheet HTML 7Page - STMicroelectronics STTH30R04-Y Datasheet HTML 8Page - STMicroelectronics STTH30R04-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID024454 Rev 1
3/10
STTH30R04-Y
Characteristics
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = -200 A/µs,
VR = 30 V, Tj = 25° C
24
35
ns
IF = 1 A, dIF/dt = -15 A/µs,
VR = 30 V, Tj = 25° C
73
100
IF = 1 A, IR = 1 A,
IRR = 0.25 A, Tj = 25° C
45
IRM
Reverse recovery current
IF = 30 A, dIF/dt = -200 A/µs,
VR = 320 V, Tj = 125° C
10
14
A
tfr
Forward recovery time
IF = 30 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax, Tj = 25° C
500
ns
VFP
Forward recovery voltage
IF = 30 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax, Tj = 25° C
2.9
V
Figure 1. Conduction losses versus
average current
Figure 2. Forward voltage drop versus forward
current
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
PF(AV)(W)
T
d=tp/T
tp
IF(AV)(A)
d = 0.05
d = 0.1
d = 0.2
d = 0.5
d = 1
IFM(A)
0.1
1.0
10.0
100.0
1000.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
VFM(V)
TJ=25°C
TJ =25°C
(Maximum values)
TJ=150°C
(Typical values)
TJ=150°C
(Typical values)
TJ=150°C
(Maximum values)
TJ=150°C
(Maximum values)
Figure 3. Relative variation of thermal
impedance junction to case
versus pulse duration
Figure 4. Peak reverse recovery current versus
dIF/dt (typical values)
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Zth(j-c)/Rth(j-c)
Single pulse
TO-220AC
DO-247
tp(s)
0
2
4
6
8
10
12
14
16
18
20
22
10
100
1000
I
RM(A)
I
F= 30 A
V
R=320 V
T
j=125° C
T
j=25° C
dIF/dt(A/µs)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com