Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH80S06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH80S06
Description  Low reverse current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH80S06 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH80S06 Datasheet HTML 1Page - STMicroelectronics STTH80S06 Datasheet HTML 2Page - STMicroelectronics STTH80S06 Datasheet HTML 3Page - STMicroelectronics STTH80S06 Datasheet HTML 4Page - STMicroelectronics STTH80S06 Datasheet HTML 5Page - STMicroelectronics STTH80S06 Datasheet HTML 6Page - STMicroelectronics STTH80S06 Datasheet HTML 7Page - STMicroelectronics STTH80S06 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
July 2015
DocID028111 Rev 1
1/8
STTH80S06
Turbo 2 ultrafast high voltage rectifier
Datasheet
- production data
Features
• Ultrafast switching
• Low reverse current
• Low thermal resistance
• Reduces switching and conduction losses
• Repetitive peak reverse voltage specified from
-40 °C to +175 °C
Description
The STTH80S06, which is using ST Turbo 2
600 V technology, is specially suited for use in
switching power supplies, and solar inverters.
Thanks to its low VF characteristics, as well as
fast recovery, this device exhibits high
performance in free-wheeling applications or
boost converters working at switching frequency
up to 100 kHz.
Table 1. Device summary
Symbol
Value
IF(AV)
80 A
VRRM
600 V
Tj (max)
175 °C
VF (typ)
1.65 V
trr (typ)
32 ns
www.st.com


Similar Part No. - STTH80S06

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
STTH80S06W THINKISEMI-STTH80S06W Datasheet
3Mb / 3P
80Amperes,600Volt SwitchMode Type Single Fast Recovery Epitaxial Diode
More results

Similar Description - STTH80S06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR1060L-TA3-T UTC-MBR1060L-TA3-T Datasheet
131Kb / 3P
Low Reverse Current
MBR40150CL-TA3-T UTC-MBR40150CL-TA3-T Datasheet
132Kb / 3P
Low Reverse Current
logo
STMicroelectronics
STTH15S12 STMICROELECTRONICS-STTH15S12 Datasheet
281Kb / 10P
Low reverse current
18-Sep-2014
STTH30ST06-Y STMICROELECTRONICS-STTH30ST06-Y Datasheet
180Kb / 11P
Low reverse current
14-Jan-2015
STTH20LCD06C STMICROELECTRONICS-STTH20LCD06C Datasheet
131Kb / 10P
low reverse current
17-Jan-2011
STTH30R06C STMICROELECTRONICS-STTH30R06C Datasheet
232Kb / 9P
Low reverse current
18-Jun-2014
STTH30W03C STMICROELECTRONICS-STTH30W03C Datasheet
177Kb / 8P
Low reverse recovery current
18-May-2012
STTH60AC06C STMICROELECTRONICS-STTH60AC06C Datasheet
400Kb / 13P
Low reverse current
29-Mar-2017
STTH30R04 STMICROELECTRONICS-STTH30R04 Datasheet
370Kb / 10P
Low reverse current
31-Mar-2007
logo
New Jersey Semi-Conduct...
MBR150 NJSEMI-MBR150 Datasheet
144Kb / 2P
Low Reverse Current
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com