Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH80S06 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH80S06
Description  Low reverse current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH80S06 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH80S06 Datasheet HTML 1Page - STMicroelectronics STTH80S06 Datasheet HTML 2Page - STMicroelectronics STTH80S06 Datasheet HTML 3Page - STMicroelectronics STTH80S06 Datasheet HTML 4Page - STMicroelectronics STTH80S06 Datasheet HTML 5Page - STMicroelectronics STTH80S06 Datasheet HTML 6Page - STMicroelectronics STTH80S06 Datasheet HTML 7Page - STMicroelectronics STTH80S06 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STTH80S06
2/8
DocID028111 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.43 x IF(AV) + 0.009 x IF
2
(RMS)
Table 2. Absolute ratings (limiting values at Tj = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
Tj = -40 °C to +175 °C
600
V
IF(RMS)
RMS forward current
113
A
IF(AV)
Average forward current,
δ = 0.5 square wave T
c = 105 °C
80
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
400
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range
-40 to +175
°C
Table 3. Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
0.3
°C/W
Table 4. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-0.2
50
µA
Tj = 150 °C
-
0.2
2
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 20 A
-1.7
2.2
V
Tj = 150 °C
-
1.0
1.3
Tj = 150 °C
IF = 80 A
-
1.65
2.15
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%
Table 5. Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 0.5 A, Irr = 0.25 A, IR = 1 A
-
32
45
ns
IF = 1 A, VR = 30 V,
dIF/dt = -50 A/µs
-55
75
ns
Tj = 125 °C
IF = 80 A,
dIF/dt = -200 A/µs,
VR = 400 V
-110
-
ns
IRM
Reverse recovery current
-
14
-
A
Sfactor
Softness factor
-
0.4
-
-
Qrr
Reverse recovery charges
-
900
-
nC
tfr
Forward recovery time
Tj = 25 °C
IF = 80 A,
dIF/dt = 200 A/µs,
VFR = 1.1 x VFmax
-
-
800
ns
VFP
Forward recovery voltage
-
3.6
-
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com