Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH112-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH112-Y
Description  Low forward and reverse recovery times
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH112-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH112-Y Datasheet HTML 1Page - STMicroelectronics STTH112-Y Datasheet HTML 2Page - STMicroelectronics STTH112-Y Datasheet HTML 3Page - STMicroelectronics STTH112-Y Datasheet HTML 4Page - STMicroelectronics STTH112-Y Datasheet HTML 5Page - STMicroelectronics STTH112-Y Datasheet HTML 6Page - STMicroelectronics STTH112-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is information on a product in full production.
February 2014
DocID025888 Rev 1
1/7
STTH112-Y
Automotive high voltage ultrafast rectifier
Datasheet
- production data
Features
• Very low conduction losses
• Negligible switching losses
• Low forward and reverse recovery times
• High junction temperature
• AEC-Q101 qualified
• ECOPACK®2 compliant component
Description
The STTH112-Y, which is using ST’s new 1200 V
planar technology, is especially suited for
switching mode base drive and transistor circuits.
The device is also intended for use as a
free wheeling diode in power supplies and other
power switching applications in automotive
functions.
K
A
SMBflat
STTH112UFY
K
A
Table 1. Device summary
Symbol
Value
IF(AV)
1 A
VRRM
1200 V
Tj (max)
175 °C
VF (typ)
1.1 V
Trr (typ)
53 ns
www.st.com


Similar Part No. - STTH112-Y

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
STTH112-Y INFINEON-STTH112-Y Datasheet
9Mb / 27P
EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
logo
STMicroelectronics
STTH112-Y STMICROELECTRONICS-STTH112-Y Datasheet
360Kb / 8P
Automotive 1 A - 1200 V ultrafast rectifier
27-May-2025
STTH112-Y STMICROELECTRONICS-STTH112-Y_V01 Datasheet
360Kb / 8P
Automotive 1 A - 1200 V ultrafast rectifier
27-May-2025
More results

Similar Description - STTH112-Y

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
RB751S-40 SMC-RB751S-40 Datasheet
145Kb / 4P
Low reverse current and low forward voltage
logo
SEMTECH ELECTRONICS LTD...
MCR100-3 SEMTECH_ELEC-MCR100-3 Datasheet
283Kb / 2P
Peak Repetitive Forward and Reverse Blocking
logo
Micro Commercial Compon...
MF150C06F2 MCC-MF150C06F2 Datasheet
565Kb / 4P
Low Reverse Recovery Loss
MF200K06F3 MCC-MF200K06F3 Datasheet
511Kb / 4P
Low Reverse Recovery Loss
RB520S-30DP MCC-RB520S-30DP Datasheet
425Kb / 3P
Low Reverse Current and Low Forward Voltage
RB521S-30DP MCC-RB521S-30DP Datasheet
475Kb / 3P
Low Reverse Current and Low Forward Voltage
RB751S-40DP MCC-RB751S-40DP Datasheet
380Kb / 3P
Low reverse current and low forward voltage
logo
STMicroelectronics
BAS70 STMICROELECTRONICS-BAS70 Datasheet
185Kb / 14P
Low forward and reverse recovery times
12-Oct-2009
STTH30W03C STMICROELECTRONICS-STTH30W03C Datasheet
177Kb / 8P
Low reverse recovery current
18-May-2012
STTH802C STMICROELECTRONICS-STTH802C Datasheet
177Kb / 9P
Low forward and reverse recovery time
November 2016 Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com