Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH112-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH112-Y
Description  Low forward and reverse recovery times
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH112-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH112-Y Datasheet HTML 1Page - STMicroelectronics STTH112-Y Datasheet HTML 2Page - STMicroelectronics STTH112-Y Datasheet HTML 3Page - STMicroelectronics STTH112-Y Datasheet HTML 4Page - STMicroelectronics STTH112-Y Datasheet HTML 5Page - STMicroelectronics STTH112-Y Datasheet HTML 6Page - STMicroelectronics STTH112-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DocID025888 Rev 1
3/7
STTH112-Y
Characteristics
7
Figure 1. Average forward power dissipation
versus average forward current
Figure 2. Forward voltage drop versus forward
current (typical values)
P(W)
F(AV)
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
δ = 0.05 δ = 0.1 δ = 0.2
δ = 0.5 δ = 1
T
δ=tp/T
tp
I(A)
F(AV)
I(A)
F
0.01
0.10
1.00
10.00
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
V(V)
F
T = 25°C
j
T = 150°C
j
Figure 3. Forward voltage drop versus forward
current (maximum values)
Figure 4. Relative variation of thermal
impedance junction to lead versus pulse
duration
I(A)
F
0.01
0.10
1.00
10.00
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
T = 25°C
j
T = 150°C
j
V(V)
F
Z/R
th(j- )
th(j- )
II
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
SMBflat
t(s)
p
Figure 5. Junction capacitance versus reverse
voltage applied (typical values)
Figure 6. Thermal resistance junction to
ambient versus copper surface under each lead
C (pF)
1
10
100
1
10
100
1000
10000
V(V)
R
F = 1 MHz
V
OSC = 30 mVRMS
T
j = 25 °C
R
(°C/W)
th(j-a)
0
25
50
75
100
125
150
175
200
01
2345
678
9
10
S
(cm²)
cu
epoxy printed circuit board FR4, copper thickness: 35 µm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com