Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P421K Datasheet(PDF) 4 Page - International Rectifier

Part # P421K
Description  PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

P421K Datasheet(HTML) 4 Page - International Rectifier

  P421K Datasheet HTML 1Page - International Rectifier P421K Datasheet HTML 2Page - International Rectifier P421K Datasheet HTML 3Page - International Rectifier P421K Datasheet HTML 4Page - International Rectifier P421K Datasheet HTML 5Page - International Rectifier P421K Datasheet HTML 6Page - International Rectifier P421K Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P400 Series
4
Bulletin I2776 rev. E 04/99
www.irf.com
Outline Table
* To complete code refer to voltage ratings table, i.e.: for 600V P410.W complete code is P402W
12.7 (0.50)
45 (1.77)
1.65 (0.06)
63.5 (2.50)
Faston 6.35x0.8 (0.25x0.03)
12.7 (0.50)
33.8 (1.33)
48.7 (1.91)
All dimensions in millimeters (inches)
Circuit"0"
Circuit"2"
Circuit"3"
Terminal Positions
Schematic diagram
diagram
SinglePhase
SinglePhase
SinglePhase
HybridBridge
HybridBridge
AllSCR
CommonCathode
Doubler
Bridge
Basic series
P40.
P42.
P43.
Withvoltage
P40.K
P42.K
P43.K
suppression
Withfree-wheeling
P40.W
-
-
diode
Withbothvoltage
suppression and
P40.KW
-
-
free-wheelingdiode
Circuit Type and Coding *
(-)
G1
G2
AC1
AC2
(+)
(-)
G2
AC1
AC2
G1
(+)
AC2
(-)
AC1
G1
G2
G3
G4
(+)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com