Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P421K Datasheet(PDF) 2 Page - International Rectifier

Part # P421K
Description  PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

P421K Datasheet(HTML) 2 Page - International Rectifier

  P421K Datasheet HTML 1Page - International Rectifier P421K Datasheet HTML 2Page - International Rectifier P421K Datasheet HTML 3Page - International Rectifier P421K Datasheet HTML 4Page - International Rectifier P421K Datasheet HTML 5Page - International Rectifier P421K Datasheet HTML 6Page - International Rectifier P421K Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P400 Series
2
Bulletin I2776 rev. E 04/99
www.irf.com
V
RRM
maximum repetitive
V
RSM
maximum non-
V
DRM
maximum
I
RRM
max.
Type number
peak reverse voltage
repetitive peak reverse
repetitive peak off-state
@ T
J max.
voltage
voltage
VV
V
mA
P401, P421, P431
400
500
400
10
P402, P422, P432
600
700
600
P403, P423, P433
800
900
800
P404, P424, P434
1000
1100
1000
P405, P425, P435
1200
1300
1200
I
D
Maximum DC output current
4 0
A
@ T
C = 80°C, full bridge circuits
I
TSM
Max. peak one-cycle
385
A
t = 10ms
No voltage
I
FSM
non-repetitive on-state
400
t = 8.3ms
reapplied
or forward current
325
t = 10ms
100% V
RRM
340
t = 8.3ms
reapplied
Sinusoidal half wave,
I
2t
Maximum I2t for fusing
745
A
2s
t = 10ms
No voltage
Initial T
J
= T
J
max.
680
t = 8.3ms
reapplied
530
t = 10ms
100% V
RRM
480
t = 8.3ms
reapplied
I
2
√t
Maximum I2
√t for fusing
7450
A
2
√s
t = 0.1 to 10ms, no voltage reapplied
I
2t for time tx = I2
√t . √tx
V
T(TO)1
Low value of threshold voltage
0.83
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
V
T(TO)2
High value of threshold voltage
1.03
(I >
π x I
T(AV)
), T
J
= T
J
max.
r
t1
Low level value of on-state
slope resistance
r
t2
High level value of on-state
slope resistance
V
TM
Max. peak on-state or
T
J = 25°C, ITM = π x I T(AV)
V
FM
forward voltage drop
T
J
= 25°C, I
TM = π x I F(AV)
di/dt
Maximum non repetitive rate of
T
J = 125°C from 0.67 VDRM
rise of turned on current
I
TM
=
π x I
T(AV), I
g = 500mA, tr < 0.5µs, tp > 6µs
I
H
Maximum holding current
130
mA
T
J
= 25°C anode supply = 6V, resistive load
I
L
Maximum latching current
250
mA
T
J = 25°C anode supply = 6V, resistive load
Parameter
P400
Units Conditions
On-state Conduction
V
9.61
7.01
m
Ω
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
(I >
π x I
T(AV)
), T
J
= T
J
max.
1.4
V
200
A/µs
ELECTRICAL SPECIFICATIONS
Voltage Ratings



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com