Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F8720 Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC18F8720
Description  64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8720 Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC18F8720 Datasheet HTML 92Page - Microchip Technology PIC18F8720 Datasheet HTML 93Page - Microchip Technology PIC18F8720 Datasheet HTML 94Page - Microchip Technology PIC18F8720 Datasheet HTML 95Page - Microchip Technology PIC18F8720 Datasheet HTML 96Page - Microchip Technology PIC18F8720 Datasheet HTML 97Page - Microchip Technology PIC18F8720 Datasheet HTML 98Page - Microchip Technology PIC18F8720 Datasheet HTML 99Page - Microchip Technology PIC18F8720 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 380 page
background image
PIC18F6520/8520/6620/8620/6720/8720
DS39609B-page 94
 2004 Microchip Technology Inc.
REGISTER 9-6:
PIR3: PERIPHERAL INTERRUPT REQUEST (FLAG) REGISTER 3
U-0
U-0
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
RC2IF
TX2IF
TMR4IF
CCP5IF
CCP4IF
CCP3IF
bit 7
bit 0
bit 7- 6
Unimplemented: Read as ‘0’
bit 5
RC2IF: USART2 Receive Interrupt Flag bit
1
= The USART2 receive buffer, RCREG, is full (cleared when RCREG is read)
0
= The USART2 receive buffer is empty
bit 4
TX2IF: USART2 Transmit Interrupt Flag bit
1
= The USART2 transmit buffer, TXREG, is empty (cleared when TXREG is written)
0
= The USART2 transmit buffer is full
bit 3
TMR4IF: TMR3 Overflow Interrupt Flag bit
1
= TMR4 register overflowed (must be cleared in software)
0
= TMR4 register did not overflow
bit 2-0
CCPxIF: CCPx Interrupt Flag bit (CCP Modules 3, 4 and 5)
Capture mode:
1
= A TMR1 or TMR3 register capture occurred (must be cleared in software)
0
= No TMR1 or TMR3 register capture occurred
Compare mode:
1
= A TMR1 or TMR3 register compare match occurred (must be cleared in software)
0
= No TMR1 or TMR3 register compare match occurred
PWM mode:
Unused in this mode.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com