Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F8720 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18F8720
Description  64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8720 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18F8720 Datasheet HTML 17Page - Microchip Technology PIC18F8720 Datasheet HTML 18Page - Microchip Technology PIC18F8720 Datasheet HTML 19Page - Microchip Technology PIC18F8720 Datasheet HTML 20Page - Microchip Technology PIC18F8720 Datasheet HTML 21Page - Microchip Technology PIC18F8720 Datasheet HTML 22Page - Microchip Technology PIC18F8720 Datasheet HTML 23Page - Microchip Technology PIC18F8720 Datasheet HTML 24Page - Microchip Technology PIC18F8720 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 380 page
background image
 2004 Microchip Technology Inc.
DS39609B-page 19
PIC18F6520/8520/6620/8620/6720/8720
PORTH is a bidirectional I/O port(5).
RH0/A16
RH0
A16
—79
I/O
O
ST
TTL
Digital I/O.
External memory address 16.
RH1/A17
RH1
A17
—80
I/O
O
ST
TTL
Digital I/O.
External memory address 17.
RH2/A18
RH2
A18
—1
I/O
O
ST
TTL
Digital I/O.
External memory address 18.
RH3/A19
RH3
A19
—2
I/O
O
ST
TTL
Digital I/O.
External memory address 19.
RH4/AN12
RH4
AN12
—22
I/O
I
ST
Analog
Digital I/O.
Analog input 12.
RH5/AN13
RH5
AN13
—21
I/O
I
ST
Analog
Digital I/O.
Analog input 13.
RH6/AN14
RH6
AN14
—20
I/O
I
ST
Analog
Digital I/O.
Analog input 14.
RH7/AN15
RH7
AN15
—19
I/O
I
ST
Analog
Digital I/O.
Analog input 15.
TABLE 1-2:
PIC18FXX20 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PIC18F6X20 PIC18F8X20
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)
Note 1:
Alternate assignment for CCP2 when CCP2MX is not selected (all operating modes except
Microcontroller).
2:
Default assignment when CCP2MX is set.
3:
External memory interface functions are only available on PIC18F8X20 devices.
4:
CCP2 is multiplexed with this pin by default when configured in Microcontroller mode. Otherwise, it is
multiplexed with either RB3 or RC1.
5:
PORTH and PORTJ are only available on PIC18F8X20 (80-pin) devices.
6:
AVDD must be connected to a positive supply and AVSS must be connected to a ground reference for
proper operation of the part in user or ICSP modes. See parameter D001A for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com