Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST310-8FP Datasheet(PDF) 11 Page - STMicroelectronics

Part # ACST310-8FP
Description  Overvoltage protected AC switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST310-8FP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ACST310-8FP Datasheet HTML 6Page - STMicroelectronics ACST310-8FP Datasheet HTML 7Page - STMicroelectronics ACST310-8FP Datasheet HTML 8Page - STMicroelectronics ACST310-8FP Datasheet HTML 9Page - STMicroelectronics ACST310-8FP Datasheet HTML 10Page - STMicroelectronics ACST310-8FP Datasheet HTML 11Page - STMicroelectronics ACST310-8FP Datasheet HTML 12Page - STMicroelectronics ACST310-8FP Datasheet HTML 13Page - STMicroelectronics ACST310-8FP Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DocID027577 Rev 2
11/14
ACST310-8FP
Package information
14
3
Package information
•
Epoxy meets UL94-V0
•
Halogen free molding compound
•
Lead-free package
•
Recommended torque: 0.4 to 0.6 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
3.1
TO-220FPAB package information
Figure 19. TO-220FPAB package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com