Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST310-8FP Datasheet(PDF) 2 Page - STMicroelectronics

Part # ACST310-8FP
Description  Overvoltage protected AC switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST310-8FP Datasheet(HTML) 2 Page - STMicroelectronics

  ACST310-8FP Datasheet HTML 1Page - STMicroelectronics ACST310-8FP Datasheet HTML 2Page - STMicroelectronics ACST310-8FP Datasheet HTML 3Page - STMicroelectronics ACST310-8FP Datasheet HTML 4Page - STMicroelectronics ACST310-8FP Datasheet HTML 5Page - STMicroelectronics ACST310-8FP Datasheet HTML 6Page - STMicroelectronics ACST310-8FP Datasheet HTML 7Page - STMicroelectronics ACST310-8FP Datasheet HTML 8Page - STMicroelectronics ACST310-8FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Characteristics
ACST310-8FP
2/14
DocID027577 Rev 2
1
Characteristics
Table 2. Absolute ratings (limiting values)
Symbol
Parameter
Test conditions
Value
Unit
IT(RMS)
On-state RMS current (full sine wave)
Tc = 97 °C
3
A
ITSM
Non repetitive surge peak on-state current
(TJ initial = 25 °C)
f = 50 Hz
tp = 20 ms
20
A
f = 60 Hz
tp = 16.7 ms
21
I2tI2t value for fusing
tp = 10 ms
2.6
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT, tr = 100 ns
f = 120 Hz
Tj = 125 °C
50
A/µs
VPP
(1)
Non repetitive line peak mains voltage
TJ = 25 °C
2
kV
PG(AV)
Average gate power dissipation
TJ = 125°C
0.1
W
PGM
Peak gate power
tp = 20 µs
TJ = 125 °C
10
W
IGM
Peak gate current
tp = 20 µs
TJ = 125°C
1.6
A
Tstg
Storage junction temperature range
-40 °C to +150 °C
°C
TJ
Operating junction temperature range
-40 °C to +125 °C
°C
TL
Maximum lead temperature for soldering during 10 s (at 3 mm
from plastic)
260
°C
VINS(RMS) Insulation RMS voltage (60 seconds)
2000
V
1. according to test described by standard IEC 61000-4-5 (seeFigure 17 and Figure 18).
Table 3. Electrical characteristics
Symbol
Test conditions
Quadrant
TJ
Value
Unit
IGT(1)
VOUT = 12 V, RL = 33 Ω
I - II - III
25 °C
MAX.
10
mA
VGT
MAX.
1.1
V
VGD
VOUT = VDRM, RL = 3.3 kΩ
I - II - III
125 °C
MIN.
0.2
V
IH
(2)
IOUT = 100 mA
25 °C
MAX.
20
mA
IL
IG = 1.2 x IGT
I - III
25 °C
MAX.
25
mA
II
35
dV/dt(2)
VOUT = 67% VDRM, gate open
125 °C
MIN.
1000
V/µs
(dI/dt)c(2) (dV/dt)c = 0.1V/µs
125 °C
MIN.
5
A/ms
(dI/dt)c(2) (dV/dt)c = 10 V/µs
125 °C
MIN.
1
A/ms
VCL
ICL = 0.1 mA, tp = 1 ms
25 °C
MIN.
850
V
1. Minimum IGT is guaranteed at 5% of IGT max.
2. For both polarities of OUT pin referenced to COM pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com