Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FERD40M45C Datasheet(PDF) 2 Page - STMicroelectronics

Part # FERD40M45C
Description  Low forward voltage drop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD40M45C Datasheet(HTML) 2 Page - STMicroelectronics

  FERD40M45C Datasheet HTML 1Page - STMicroelectronics FERD40M45C Datasheet HTML 2Page - STMicroelectronics FERD40M45C Datasheet HTML 3Page - STMicroelectronics FERD40M45C Datasheet HTML 4Page - STMicroelectronics FERD40M45C Datasheet HTML 5Page - STMicroelectronics FERD40M45C Datasheet HTML 6Page - STMicroelectronics FERD40M45C Datasheet HTML 7Page - STMicroelectronics FERD40M45C Datasheet HTML 8Page - STMicroelectronics FERD40M45C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
FERD40M45C
2/10
DocID024889 Rev 1
1
Characteristics
When the diodes 1 and 2 are used simultaneously:
T
j(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode2) x Rth(c).
To evaluate the conduction losses use the following equation:
P = 0.31 x IF(AV) + 0.0095 IF
2
(RMS)
Table 2. Absolute ratings (limiting values, per diode at 25° C, unless otherwise stated)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
Forward rms current
40
A
IF(AV)
Average forward current,
 = 0.5
Tc =150° C
Tc =140° C
Per diode
Per device
20
40
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
275
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction
temperature (1)
TO-220AB, D2PAK
175
°C
D2PAK (DC forward current without
reverse bias, t = 1 hour)
200
1.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
–

--------------------------
Table 3. Thermal resistances
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
Per diode
Total
1.6
1.1
°C/W
Rth(c)
Coupling
0.5
°C/W
Table 4. Static electrical characteristics (per diode)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
650
µA
Tj = 125° C
25
50
mA
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 10 A
0.38
0.415
V
Tj = 125° C
0.34
0.37
Tj = 25° C
IF = 20 A
0.46
0.50
Tj = 125° C
0.46
0.50
1.
Pulse test: tp = 5 ms,  < 2%
2.
Pulse test: tp = 380 µs,  < 2%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com