Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FERD40M45C Datasheet(PDF) 3 Page - STMicroelectronics

Part # FERD40M45C
Description  Low forward voltage drop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD40M45C Datasheet(HTML) 3 Page - STMicroelectronics

  FERD40M45C Datasheet HTML 1Page - STMicroelectronics FERD40M45C Datasheet HTML 2Page - STMicroelectronics FERD40M45C Datasheet HTML 3Page - STMicroelectronics FERD40M45C Datasheet HTML 4Page - STMicroelectronics FERD40M45C Datasheet HTML 5Page - STMicroelectronics FERD40M45C Datasheet HTML 6Page - STMicroelectronics FERD40M45C Datasheet HTML 7Page - STMicroelectronics FERD40M45C Datasheet HTML 8Page - STMicroelectronics FERD40M45C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID024889 Rev 1
3/10
FERD40M45C
Characteristics
10
Figure 1. Average forward power dissipation
versus average forward current (per diode)
Figure 2. Average forward current versus
ambient temperature (
= 0.5, per diode)
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
d = 1
d = 0.5
d = 0.2
d = 0.1
d = 0.05
T
d=tp/T
tp
PF(AV) (W)
IF(AV) (A)
0
5
10
15
20
25
0
25
50
75
100
125
150
175
Rth(j-a)=Rth(j-c)
T
d=tp/T
tp
IF(AV) (A)
Tamb (°C)
Figure 3. Relative variation of thermal
impedance junction to case versus pulse
duration
Figure 4. Reverse leakage current versus
reverse voltage applied (typical values, per
diode)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tp (s)
Zth(j-c)/Rth(j-c)
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
35
40
45
Tj=125°C
Tj=25°C
IR (mA)
VR (V)
Figure 5. Junction capacitance versus reverse
voltage applied (typical values, per diode)
Figure 6. Forward voltage drop versus forward
current (typical values, per diode)
C (pF)
100
1000
10000
1
10
100
F=1MHz
Vosc=30mVRMS
Tj=25°C
VR (V)
0.1
1.0
10.0
100.0
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50 0.55 0.60 0.65
Tj=25°C
Tj=125°C
IF (A)
VF (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com