Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF24N65M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF24N65M2
Description  Extremely low gate charge
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF24N65M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF24N65M2 Datasheet HTML 3Page - STMicroelectronics STF24N65M2 Datasheet HTML 4Page - STMicroelectronics STF24N65M2 Datasheet HTML 5Page - STMicroelectronics STF24N65M2 Datasheet HTML 6Page - STMicroelectronics STF24N65M2 Datasheet HTML 7Page - STMicroelectronics STF24N65M2 Datasheet HTML 8Page - STMicroelectronics STF24N65M2 Datasheet HTML 9Page - STMicroelectronics STF24N65M2 Datasheet HTML 10Page - STMicroelectronics STF24N65M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STB24N65M2, STF24N65M2, STP24N65M2
Electrical characteristics
DocID026475 Rev 2
7/20
Figure 8: Gate charge vs gate-source voltage
Figure 9: Static drain-source on-resistance
Figure 10: Capacitance variations
Figure 11: Normalized gate threshold voltage
vs temperature
Figure 12: Normalized on-resistance
Figure 13: Normalized V(BR)DSS vs
temperature
VGS
4
2
0
5
15
Qg(nC)
10
(V)
0
20
6
8
10
12
25
VDS(V)
0
100
200
300
400
500
600
VDD = 520 V
ID = 16 A
30
VDS
GIPD041020141607FSR
RDS(on)
0.178
0
ID(A)
4
(Ω)
0.175
8
0.181
0.184
VGS= 10V
0.187
12
16
0.190
0.193
0.196
GIPD180920141613FSR
C
10
1
0.1
1
100
VDS(V)
10
(pF)
0.1
100
1000
Ciss
Coss
Crss
f= 1 MHz
GIPD041020141619FSR
RDS(on)
1
-75
-25
75
Tj(°C)
25
(norm)
0.2
125
0.6
1.4
1.8
2.2
VGS= 10V
GIPD180920141459FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com