Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF24N65M2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STF24N65M2
Description  Extremely low gate charge
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF24N65M2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STF24N65M2 Datasheet HTML 4Page - STMicroelectronics STF24N65M2 Datasheet HTML 5Page - STMicroelectronics STF24N65M2 Datasheet HTML 6Page - STMicroelectronics STF24N65M2 Datasheet HTML 7Page - STMicroelectronics STF24N65M2 Datasheet HTML 8Page - STMicroelectronics STF24N65M2 Datasheet HTML 9Page - STMicroelectronics STF24N65M2 Datasheet HTML 10Page - STMicroelectronics STF24N65M2 Datasheet HTML 11Page - STMicroelectronics STF24N65M2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
STB24N65M2, STF24N65M2, STP24N65M2
8/20
DocID026475 Rev 2
Figure 14: Source-drain diode forward
characteristics
Figure 15: Output capacitance stored energy
VSD
0.7
0
4
12
ISD(A)
8
(V)
0.5
0.6
0.8
0.9
Tj= 150°C
Tj= -50°C
Tj= 25°C
16
1
1.1
GIPD041020141624FSR
E
2
0
100
300
VDS(V)
200
(µJ)
0
400
500
600
4
6
8
GIPD041020141629FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com