Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB28N65M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB28N65M2
Description  Extremely low gate charge
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB28N65M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB28N65M2 Datasheet HTML 3Page - STMicroelectronics STB28N65M2 Datasheet HTML 4Page - STMicroelectronics STB28N65M2 Datasheet HTML 5Page - STMicroelectronics STB28N65M2 Datasheet HTML 6Page - STMicroelectronics STB28N65M2 Datasheet HTML 7Page - STMicroelectronics STB28N65M2 Datasheet HTML 8Page - STMicroelectronics STB28N65M2 Datasheet HTML 9Page - STMicroelectronics STB28N65M2 Datasheet HTML 10Page - STMicroelectronics STB28N65M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DocID027256 Rev 1
7/22
STB28N65M2, STF28N65M2, STP28N65M2, STW28N65M2
Electrical characteristics
22
Figure 8. Output characteristics
Figure 9. Transfer characteristics
Figure 10. Normalized gate threshold voltage
vs. temperature
Figure 11. Normalized V(BR)DSS vs. temperature
VGS(th)
0.8
-75
-25
25
Tj(°C)
(norm)
0.6
75
0.7
0.9
1.0
125
1.1
ID = 250 µA
GIPD180920141442FSR
V(BR)DSS
0.96
-75
-25
75
Tj(°C)
25
(norm)
0.88
125
0.92
1.00
1.04
1.08
ID= 1mA
GIPD180920141448FSR
Figure 12. Static drain-source on-resistance
Figure 13. Normalized on-resistance vs.
temperature
RDS(on)
1
-75
-25
75
Tj(°C)
25
(norm)
0.2
125
0.6
1.4
1.8
2.2
VGS= 10V
GIPD180920141459FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com