Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB28N65M2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB28N65M2
Description  Extremely low gate charge
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB28N65M2 Datasheet(HTML) 3 Page - STMicroelectronics

  STB28N65M2 Datasheet HTML 1Page - STMicroelectronics STB28N65M2 Datasheet HTML 2Page - STMicroelectronics STB28N65M2 Datasheet HTML 3Page - STMicroelectronics STB28N65M2 Datasheet HTML 4Page - STMicroelectronics STB28N65M2 Datasheet HTML 5Page - STMicroelectronics STB28N65M2 Datasheet HTML 6Page - STMicroelectronics STB28N65M2 Datasheet HTML 7Page - STMicroelectronics STB28N65M2 Datasheet HTML 8Page - STMicroelectronics STB28N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DocID027256 Rev 1
3/22
STB28N65M2, STF28N65M2, STP28N65M2, STW28N65M2
Electrical ratings
22
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
D2PAK,
TO-220, TO-247
TO-220FP
VGS
Gate-source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
20
20(1)
1.
Current limited by package.
A
ID
Drain current (continuous) at TC = 100 °C
13
13(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
80
A
PTOT
Total dissipation at TC = 25 °C
170
30
W
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t = 1 s; TC = 25 °C)
2500
V
dv/dt (3)
3.
ISD ≤ 20 A, di/dt ≤ 400 A/µs; VDS peak < V(BR)DSS, VDD=520 V
Peak diode recovery voltage slope
15
V/ns
dv/dt(4)
4.
VDS ≤ 520 V
MOSFET dv/dt ruggedness
50
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
Table 3. Thermal data
Symbol
Parameter
Value
Unit
D2PAK TO-220FP
TO-220
TO-247
Rthj-case
Thermal resistance
junction-case max
0.74
4.17
0.74
°C/W
Rthj-pcb
(1)
1.
When mounted on 1 inch² FR-4, 2 Oz copper board
Thermal resistance
junction-pcb max
30
°C/W
Rthj-amb
Thermal resistance
junction-ambient max
62.5
50
°C/W
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not
repetitive (pulse width limited by Tjmax)
2.4
A
EAS
Single pulse avalanche energy (starting
Tj = 25°C, ID = IAR; VDD = 50 V)
760
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com