Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKT41/04AS90 Datasheet(PDF) 7 Page - International Rectifier

Part # IRKT41/04AS90
Description  THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT41/04AS90 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRKT41/04AS90 Datasheet HTML 2Page - International Rectifier IRKT41/04AS90 Datasheet HTML 3Page - International Rectifier IRKT41/04AS90 Datasheet HTML 4Page - International Rectifier IRKT41/04AS90 Datasheet HTML 5Page - International Rectifier IRKT41/04AS90 Datasheet HTML 6Page - International Rectifier IRKT41/04AS90 Datasheet HTML 7Page - International Rectifier IRKT41/04AS90 Datasheet HTML 8Page - International Rectifier IRKT41/04AS90 Datasheet HTML 9Page - International Rectifier IRKT41/04AS90 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRK.41, .56 Series
7
Bulletin I27131 rev. G 10/02
www.irf.com
Fig. 11 - Current Ratings Characteristics
Fig. 10 - Current Ratings Characteristics
70
80
90
100
110
120
130
0
10
20
30
40506070
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
IRK.56.. Series
R
(DC) = 0.40 K/W
thJC
70
80
90
100
110
120
130
0
20406080
100
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
IRK.56.. Series
R
(DC) = 0.40 K/W
thJC
Fig. 14 - Maximum Non-Repetitive Surge Current
Fig. 15 - Maximum Non-Repetitive Surge Current
Fig. 13 - On-state Power Loss Characteristics
Fig. 12 - On-state Power Loss Characteristics
0
20
40
60
80
100
120
0
20
40
60
80
100
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
IRK.56.. Series
Per Junction
T = 125°C
J
0
10
20
30
40
50
60
70
80
90
0
1020
30405060
180°
120°
90°
60°
30°
RMS Limit
Conduction Angle
Average On-state Current (A)
IRK.56.. Series
Per Junction
T = 125°C
J
500
600
700
800
900
1000
1100
1200
1
10
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
IRK.56.. Series
Per Junction
400
600
800
1000
1200
1400
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
Of Conduction May Not Be Maintained.
J
RRM
IRK.56.. Series
Per Junction



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com