Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKT41/04AS90 Datasheet(PDF) 10 Page - International Rectifier

Part # IRKT41/04AS90
Description  THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT41/04AS90 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRKT41/04AS90 Datasheet HTML 2Page - International Rectifier IRKT41/04AS90 Datasheet HTML 3Page - International Rectifier IRKT41/04AS90 Datasheet HTML 4Page - International Rectifier IRKT41/04AS90 Datasheet HTML 5Page - International Rectifier IRKT41/04AS90 Datasheet HTML 6Page - International Rectifier IRKT41/04AS90 Datasheet HTML 7Page - International Rectifier IRKT41/04AS90 Datasheet HTML 8Page - International Rectifier IRKT41/04AS90 Datasheet HTML 9Page - International Rectifier IRKT41/04AS90 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRK.41, .56 Series
10
Bulletin I27131 rev. G 10/02
www.irf.com
Fig. 24 - Gate Characteristics
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
(b)
(a)
Rectangular gate pulse
(4) (3)
(2) (1)
(1) PGM = 100 W, tp = 500 µs
(2) PGM = 50 W, tp = 1 ms
(3) PGM = 20 W, tp = 25 ms
(4) PGM = 10 W, tp = 5 ms
Instantaneous Gate Current (A)
a)Recommended load line for
b)Recommended load line for
VGD
IGD
Frequency Limited by PG(AV)
rated di/dt: 20 V, 30 ohms
tr = 0.5 µs, tp >= 6 µs
<= 30% rated di/dt: 20 V, 65 ohms
tr = 1 µs, tp >= 6 µs
IRK.41../.56.. Series
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 10/02
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com