Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF3N80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF3N80K5
Description  N-channel 800 V, 2.8 Ω typ., 2.5 A Zener-protected SuperMESH™5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF3N80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STF3N80K5 Datasheet HTML 1Page - STMicroelectronics STF3N80K5 Datasheet HTML 2Page - STMicroelectronics STF3N80K5 Datasheet HTML 3Page - STMicroelectronics STF3N80K5 Datasheet HTML 4Page - STMicroelectronics STF3N80K5 Datasheet HTML 5Page - STMicroelectronics STF3N80K5 Datasheet HTML 6Page - STMicroelectronics STF3N80K5 Datasheet HTML 7Page - STMicroelectronics STF3N80K5 Datasheet HTML 8Page - STMicroelectronics STF3N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
January 2014
DocID025000 Rev 3
1/23
23
STD3N80K5, STF3N80K5,
STP3N80K5, STU3N80K5
N-channel 800 V, 2.8
Ω typ., 2.5 A Zener-protected SuperMESH™ 5
Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• TO-220 worldwide best R
DS(on)
• Worldwide best FOM (figure of merit)
• Ultra low gate charge
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These devices are N-channel Power MOSFETs
developed using SuperMESH™ 5 technology.
This revolutionary, avalanche-rugged, high
voltage Power MOSFET technology is based on
an innovative proprietary vertical structure. The
result is a drastic reduction in on-resistance and
ultra low gate charge for applications which
require superior power density and high
efficiency.
D(2, TAB)
G(1)
S(3)
AM01476v1
TO-220
1
2
3
TAB
1
3
DPAK
TAB
1
2
3
TO-220FP
3
2
1
IPAK
TAB
Order codes
VDS
RDS(on)max
ID
PTOT
STD3N80K5
800 V
3.5
Ω
2.5 A
60 W
STF3N80K5
20 W
STP3N80K5
60 W
STU3N80K5
Table 1. Device summary
Order code
Marking
Package
Packaging
STD3N80K5
3N80K5
DPAK
Tape and reel
STF3N80K5
TO-220FP
Tube
STP3N80K5
TO-220
STU3N80K5
IPAK
www.st.com


Similar Part No. - STF3N80K5

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STF3N80K5 VBSEMI-STF3N80K5 Datasheet
2Mb / 9P
Power MOSFET
logo
Inchange Semiconductor ...
STF3N80K5 ISC-STF3N80K5 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF3N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
N-channel 800 V, 3.8 Ω, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH™Power MOSFET
07-Sep-2009
STP8N80K5 STMICROELECTRONICS-STP8N80K5 Datasheet
1Mb / 16P
N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
27-Mar-2013
STD2N80K5 STMICROELECTRONICS-STD2N80K5 Datasheet
1Mb / 23P
N-channel 800 V, 3.5 Ω typ., 2 A Zener-protected SuperMESH™ 5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2014 Rev 2
STD2N95K5 STMICROELECTRONICS-STD2N95K5 Datasheet
1Mb / 23P
N-channel 950 V, 4.2 Ω typ., 2 A Zener-protected SuperMESH™5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
25-Sep-2013
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1_V01 Datasheet
674Kb / 29P
N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
18-Sep-2018
STD3NK80Z-1 STMICROELECTRONICS-STD3NK80Z-1_V01 Datasheet
1Mb / 29P
N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
06-Apr-2017
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_V01 Datasheet
444Kb / 17P
N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
15-Mar-2012
STD3NK60ZT4 STMICROELECTRONICS-STD3NK60ZT4 Datasheet
936Kb / 34P
N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4_V01 Datasheet
563Kb / 24P
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD5NK60ZT4 STMICROELECTRONICS-STD5NK60ZT4 Datasheet
582Kb / 24P
N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
22-Aug-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com