Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF3N80K5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF3N80K5
Description  N-channel 800 V, 2.8 Ω typ., 2.5 A Zener-protected SuperMESH™5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF3N80K5 Datasheet(HTML) 4 Page - STMicroelectronics

  STF3N80K5 Datasheet HTML 1Page - STMicroelectronics STF3N80K5 Datasheet HTML 2Page - STMicroelectronics STF3N80K5 Datasheet HTML 3Page - STMicroelectronics STF3N80K5 Datasheet HTML 4Page - STMicroelectronics STF3N80K5 Datasheet HTML 5Page - STMicroelectronics STF3N80K5 Datasheet HTML 6Page - STMicroelectronics STF3N80K5 Datasheet HTML 7Page - STMicroelectronics STF3N80K5 Datasheet HTML 8Page - STMicroelectronics STF3N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical characteristics
STD3N80K5, STF3N80K5, STP3N80K5, STU3N80K5
4/23
DocID025000 Rev 3
2
Electrical characteristics
(T
CASE
= 25 °C unless otherwise specified).
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-source breakdown
voltage (V
GS
= 0)
I
D
= 1 mA
800
V
I
DSS
Zero gate voltage drain
current (V
GS
= 0)
V
DS
= 800 V
1
μA
V
DS
= 800 V T
j
=125 °C
50
μA
I
GSS
Gate body leakage current
(V
DS
= 0)
V
GS
= ± 20 V
±10
μA
V
GS(th)
Gate threshold voltage
V
DS
= V
GS
, I
D
= 100 μA3
4
5
V
R
DS(on)
Static drain-source on-
resistance
V
GS
= 10 V, I
D
= 1 A
2.8
3.5
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
iss
Input capacitance
V
DS
=100 V, f=1 MHz, V
GS
=0
-
130
-
pF
C
oss
Output capacitance
-
14
-
pF
C
rss
Reverse transfer
capacitance
-0.6
-
pF
C
o(tr)
(1)
1.
Time related is defined as a constant equivalent capacitance giving the same charging time as C
oss
when
V
DS
increases from 0 to 80% V
DSS
Equivalent capacitance time
related
V
GS
= 0, V
DS
= 0
-20
-
pF
C
o(er)
(2)
2.
Energy related is defined as a constant equivalent capacitance giving the same stored energy as C
oss
when V
DS
increases from 0 to 80% V
DSS
Equivalent capacitance
energy related
-9
-
pF
R
G
Intrinsic gate resistance
f = 1 MHz, I
D
=0
-
15.5
-
Ω
Q
g
Total gate charge
V
DD
= 640 V, I
D
= 2.5 A
V
GS
=10 V
-9.5
-
nC
Q
gs
Gate-source charge
-
1.5
-
nC
Q
gd
Gate-drain charge
-
7.5
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com