Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF4N80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF4N80K5
Description  N-channel 800 V, 2.1 ??typ., 3 A MDmesh™K5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF4N80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STF4N80K5 Datasheet HTML 1Page - STMicroelectronics STF4N80K5 Datasheet HTML 2Page - STMicroelectronics STF4N80K5 Datasheet HTML 3Page - STMicroelectronics STF4N80K5 Datasheet HTML 4Page - STMicroelectronics STF4N80K5 Datasheet HTML 5Page - STMicroelectronics STF4N80K5 Datasheet HTML 6Page - STMicroelectronics STF4N80K5 Datasheet HTML 7Page - STMicroelectronics STF4N80K5 Datasheet HTML 8Page - STMicroelectronics STF4N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
February 2015
DocID025105 Rev 3
1/23
STD4N80K5, STF4N80K5,
STP4N80K5, STU4N80K5
N-channel 800 V, 2.1
Ω typ., 3 A MDmesh™ K5 Power MOSFETs
in DPAK, TO-220FP, TO-220 and IPAK packages
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Industry’s lowest RDS(on) x area
• Industry’s best figure of merit (FoM)
• Ultra low gate charge
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These very high voltage N-channel Power
MOSFETs are designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
TO-220
TO-220FP
DPAK
1
3
TAB
1
2
3
1
2
3
TAB
3
2
1
TAB
IPAK
AM01476v1
Order code
VDS
RDS(on) max.
ID
PTOT
STD4N80K5
800 V
2.5
Ω
3 A
60 W
STF4N80K5
20 W
STP4N80K5
60 W
STU4N80K5
Table 1. Device summary
Order code
Marking
Packages
Packaging
STD4N80K5
4N80K5
DPAK
Tape and reel
STF4N80K5
TO-220FP
Tube
STP4N80K5
TO-220
STU4N80K5
IPAK
www.st.com


Similar Part No. - STF4N80K5

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STF4N80K5 VBSEMI-STF4N80K5 Datasheet
2Mb / 9P
Power MOSFET
logo
Inchange Semiconductor ...
STF4N80K5 ISC-STF4N80K5 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF4N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
19-Feb-2013
STD11N65M5 STMICROELECTRONICS-STD11N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
03-Dec-2012
STD2N105K5 STMICROELECTRONICS-STD2N105K5 Datasheet
1Mb / 21P
N-channel 1050 V, 6 Ω typ., 1.5 A MDmesh™K5 Power MOSFETs in DPAK, TO-220 and IPAK packages
14-Nov-2014
STP7N105K5 STMICROELECTRONICS-STP7N105K5 Datasheet
989Kb / 18P
N-channel 1050 V, 1.4 Ω typ., 4 A MDmesh™ K5 Power MOSFETs in TO-220, IPAK and TO-247 packages
October 2016 Rev 2
STF14N80K5 STMICROELECTRONICS-STF14N80K5 Datasheet
766Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in TO-220FP and I²PAKFP packages
02-Dec-2015
STF4LN80K5 STMICROELECTRONICS-STF4LN80K5 Datasheet
719Kb / 13P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a TO-220FP package
18-May-2016
STP3LN80K5 STMICROELECTRONICS-STP3LN80K5 Datasheet
804Kb / 15P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in TO-220 and IPAK packages
28-Jun-2016
STP4LN80K5 STMICROELECTRONICS-STP4LN80K5 Datasheet
718Kb / 13P
N-channel 800 V, 2.1 Ω typ.,3 A MDmesh™ K5 Power MOSFET in a TO-220 package
18-May-2016
STP9N80K5 STMICROELECTRONICS-STP9N80K5 Datasheet
795Kb / 16P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
26-Jul-2016
STD3NK80Z-1 STMICROELECTRONICS-STD3NK80Z-1_V01 Datasheet
1Mb / 29P
N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
06-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com