Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF4N80K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF4N80K5
Description  N-channel 800 V, 2.1 ??typ., 3 A MDmesh™K5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF4N80K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STF4N80K5 Datasheet HTML 1Page - STMicroelectronics STF4N80K5 Datasheet HTML 2Page - STMicroelectronics STF4N80K5 Datasheet HTML 3Page - STMicroelectronics STF4N80K5 Datasheet HTML 4Page - STMicroelectronics STF4N80K5 Datasheet HTML 5Page - STMicroelectronics STF4N80K5 Datasheet HTML 6Page - STMicroelectronics STF4N80K5 Datasheet HTML 7Page - STMicroelectronics STF4N80K5 Datasheet HTML 8Page - STMicroelectronics STF4N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DocID025105 Rev 3
5/23
STD4N80K5, STF4N80K5, STP4N80K5, STU4N80K5
Electrical characteristics
23
The built-in back-to-back Zener diodes have been specifically designed to enhance the ESD
capability of the device. The Zener voltage is appropriate for efficient and cost-effective
intervention to protect the device integrity. These integrated Zener diodes thus eliminate the
need for external components.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
Turn-on delay time
VDD = 400 V, ID = 1.5 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 18)
-
16.5
-
ns
tr
Rise time
-
15
-
ns
td(off)
Turn-off-delay time
-
36
-
ns
tf
Fall time
-
21
-
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
ISD
Source-drain current
-
3
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
12
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 3 A, VGS = 0
-
1.5
V
trr
Reverse recovery time
ISD = 3 A, di/dt = 100 A/µs
VDD= 60 V
(see Figure 20)
-242
ns
Qrr
Reverse recovery charge
-
1.42
µC
IRRM
Reverse recovery current
-
12
A
trr
Reverse recovery time
ISD = 3 A, di/dt = 100 A/µs
VDD= 60 V TJ = 150 °C
(see Figure 20)
-373
ns
Qrr
Reverse recovery charge
-
1.98
µC
IRRM
Reverse recovery current
-
10.5
A
Table 8. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
V(BR)GSO
Gate-source breakdown
voltage
IGS= ± 1 mA, ID=0
30
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com