Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF5N95K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF5N95K5
Description  Ultra-low gate charge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5N95K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STF5N95K5 Datasheet HTML 1Page - STMicroelectronics STF5N95K5 Datasheet HTML 2Page - STMicroelectronics STF5N95K5 Datasheet HTML 3Page - STMicroelectronics STF5N95K5 Datasheet HTML 4Page - STMicroelectronics STF5N95K5 Datasheet HTML 5Page - STMicroelectronics STF5N95K5 Datasheet HTML 6Page - STMicroelectronics STF5N95K5 Datasheet HTML 7Page - STMicroelectronics STF5N95K5 Datasheet HTML 8Page - STMicroelectronics STF5N95K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
STD5N95K5, STF5N95K5, STP5N95K5,
STU5N95K5
Electrical ratings
DocID024639 Rev 4
3/26
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK, TO-220,
IPAK
TO-220FP
VGS
Gate-source voltage
±30
V
ID
Drain current (continuous) at TC = 25 °C
3.5
3.5 (1)
A
ID
Drain current (continuous) at TC = 100 °C
2.2
2.2 (1)
A
IDM(2)
Drain current pulsed
14
A
PTOT
Total dissipation at TC = 25 °C
70
25
W
dv/dt (3)
Peak diode recovery voltage slope
4.5
V/ns
dv/dt (4)
MOSFET dv/dt ruggedness
50
V/ns
VISO
Insulation withstand voltage (RMS) from all three
leads to external heat sink (t=1 s; TC=25 °C)
2500
V
Tj
Operating junction temperature range
-55 to 150
°C
Tstg
Storage temperature range
Notes:
(1)Limited by maximum junction temperature.
(2)Pulse width limited by safe operating area.
(3)ISD ≤ 3.5 A, di/dt ≤ 100 A/μs, VDS (peak) ≤ V(BR)DSS
(4)VDS ≤ 640 V
Table 3: Thermal data
Symbol
Parameter
Value
Unit
DPAK
TO-220FP
TO-220
IPAK
Rthj-case
Thermal resistance junction-case
1.47
5
1.47
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
100
°C/W
Rthj-pcb (1)
Thermal resistance junction-pcb
50
°C/W
Notes:
(1)When mounted on 1 inch² FR-4, 2 Oz copper board
Table 4: Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive
(pulse width limited by Tjmax)
1
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
70
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com