Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF5N95K5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF5N95K5
Description  Ultra-low gate charge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5N95K5 Datasheet(HTML) 4 Page - STMicroelectronics

  STF5N95K5 Datasheet HTML 1Page - STMicroelectronics STF5N95K5 Datasheet HTML 2Page - STMicroelectronics STF5N95K5 Datasheet HTML 3Page - STMicroelectronics STF5N95K5 Datasheet HTML 4Page - STMicroelectronics STF5N95K5 Datasheet HTML 5Page - STMicroelectronics STF5N95K5 Datasheet HTML 6Page - STMicroelectronics STF5N95K5 Datasheet HTML 7Page - STMicroelectronics STF5N95K5 Datasheet HTML 8Page - STMicroelectronics STF5N95K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Electrical characteristics
STD5N95K5, STF5N95K5, STP5N95K5,
STU5N95K5
4/26
DocID024639 Rev 4
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 5: On/off-state
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
950
V
IDSS
Zero gate voltage drain current
VDS = 950 V, VGS = 0 V
1
µA
VDS = 950 V, VGS = 0 V
TC = 125 °C(1)
50
µA
IGSS
Gate body leakage current
VGS = ±20 V, VDS = 0 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 1.5 A
2
2.5
Ω
Notes:
(1)Defined by design, not subject to production test.
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0 V
-
220
-
pF
Coss
Output capacitance
-
17
-
pF
Crss
Reverse transfer capacitance
-
1
-
pF
Co(tr)(1)
Equivalent capacitance time
related
VGS = 0 V,
VDS = 0 to 760 V
-
30
-
pF
Co(er)(2)
Equivalent capacitance energy
related
-
11
-
pF
Rg
Intrinsic gate resistance
f = 1 MHz open drain
-
17
-
Ω
Qg
Total gate charge
VDD = 760 V, ID = 3.5 A
VGS= 10 V
(see Figure 19: "Test
circuit for gate charge
behavior")
-
12.5
-
nC
Qgs
Gate-source charge
-
2
-
nC
Qgd
Gate-drain charge
-
10
-
nC
Notes:
(1)Co(tr) is a constant capacitance value that gives the same charging time as Coss while VDS is rising from 0 to
80% VDSS.
(2)Co(er) is a constant capacitance value that gives the same stored energy as Coss while VDS is rising from 0 to
80% VDSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com