Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16N50M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP16N50M2
Description  Extremely low gate charge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16N50M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP16N50M2 Datasheet HTML 3Page - STMicroelectronics STP16N50M2 Datasheet HTML 4Page - STMicroelectronics STP16N50M2 Datasheet HTML 5Page - STMicroelectronics STP16N50M2 Datasheet HTML 6Page - STMicroelectronics STP16N50M2 Datasheet HTML 7Page - STMicroelectronics STP16N50M2 Datasheet HTML 8Page - STMicroelectronics STP16N50M2 Datasheet HTML 9Page - STMicroelectronics STP16N50M2 Datasheet HTML 10Page - STMicroelectronics STP16N50M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STD16N50M2, STF16N50M2, STP16N50M2
Electrical characteristics
DocID026641 Rev 5
7/21
Figure 8: Output characteristics
Figure 9: Transfer characteristics
Figure 10: Gate charge vs. gate-source voltage
Figure 11: Capacitance variations
Figure 12: Normalized gate threshold voltage vs.
temperature
Figure 13: Normalized V(BR)DSS vs. temperature
ID
16
4
0
0
4
VDS(V)
12
(A)
16
4V
6V
VGS=7,8, 9, 10V
12
20
20
5V
8
24
28
8
GIPG02306141524LM
ID
24
12
0
0
4
VGS(V)
8
(A)
2
6
10
4
16
VDS=17.5 V
8
20
28
GIPG2606141243LM
VGS
6
4
2
0
0
10
Qg(nC)
(V)
8
15
10
VDD=400 V
ID=13 A
12
150
100
50
0
200
250
VDS
5
VDS
(V)
300
350
400
20
GIPG2606141304LM
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
GIPG2606141318LM
VGS(th)
1.0
0.8
0.7
0.6
-75
TJ(°C)
(norm)
-25
1.1
75
25
125
ID=250 µA
0.9
GIPG2606141354LM
V(BR)DSS
-75
TJ(°C)
(norm)
-25
75
25
125
0.88
0.92
0.96
1.00
ID=1 mA
1.04
1.08
GIPG2606141424LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com