Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16N50M2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP16N50M2
Description  Extremely low gate charge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16N50M2 Datasheet(HTML) 3 Page - STMicroelectronics

  STP16N50M2 Datasheet HTML 1Page - STMicroelectronics STP16N50M2 Datasheet HTML 2Page - STMicroelectronics STP16N50M2 Datasheet HTML 3Page - STMicroelectronics STP16N50M2 Datasheet HTML 4Page - STMicroelectronics STP16N50M2 Datasheet HTML 5Page - STMicroelectronics STP16N50M2 Datasheet HTML 6Page - STMicroelectronics STP16N50M2 Datasheet HTML 7Page - STMicroelectronics STP16N50M2 Datasheet HTML 8Page - STMicroelectronics STP16N50M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
STD16N50M2, STF16N50M2, STP16N50M2
Electrical ratings
DocID026641 Rev 5
3/21
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK
TO-220
TO-220FP
VGS
Gate-source voltage
±25
V
ID
Drain current (continuous) at TC = 25 °C
13
A
ID
Drain current (continuous) at TC = 100 °C
8
A
IDM(1)
Drain current (pulsed)
52
A
PTOT
Total dissipation at TC = 25 °C
110
25
W
dv/dt (2)
Peak diode recovery voltage slope
15
V/ns
dv/dt (3)
MOSFET dv/dt ruggedness
50
V/ns
VISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t = 1 s, TC = 25 °C)
2500
V
Tstg
Storage temperature range
-55 to 150
°C
Tj
Operating junction temperature range
Notes:
(1) Pulse width is limited by safe operating area.
(2) ISD ≤ 13 A, di/dt ≤ 400 A/µs, VDS peak < V(BR)DSS, VDD = 80% V(BR)DSS
(3) VDS ≤ 400 V
Table 3: Thermal data
Symbol
Parameter
Value
Unit
DPAK
TO-220
TO-220FP
Rthj-case
Thermal resistance junction-case
1.14
5
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
Rthj-pcb(1)
Thermal resistance junction-pcb
50
Notes:
(1)When mounted on 1 inch² FR-4, 2 Oz copper board.
Table 4: Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or non-repetitive (pulse width limited by Tjmax)
4
A
EAS
Single pulse avalanche energy (starting Tj = 25 °C, ID = IAR, VDD = 50 V)
215
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com