Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP25N10F7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP25N10F7
Description  Ultra low on-resistance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP25N10F7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP25N10F7 Datasheet HTML 2Page - STMicroelectronics STP25N10F7 Datasheet HTML 3Page - STMicroelectronics STP25N10F7 Datasheet HTML 4Page - STMicroelectronics STP25N10F7 Datasheet HTML 5Page - STMicroelectronics STP25N10F7 Datasheet HTML 6Page - STMicroelectronics STP25N10F7 Datasheet HTML 7Page - STMicroelectronics STP25N10F7 Datasheet HTML 8Page - STMicroelectronics STP25N10F7 Datasheet HTML 9Page - STMicroelectronics STP25N10F7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics
STD25N10F7, STF25N10F7, STP25N10F7
6/21
DocID025265 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for DPAK
Figure 3. Thermal impedance for DPAK
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Operation
in
this
ar
ea
is
Limit
ed
by
max
RDS(on)
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.01
AM16006v1
Single pulse
0.05
0.02
0.01
δ=0.5
0.2
0.1
K
10
tp(s)
-5
10
-4
10
10
10
10
-1
10
-6
10
-2
-3
-2
-1
AM16024v1
Figure 4. Safe operating area for TO-220FP
Figure 5. Thermal impedance for TO-220FP
ID
10
1
0.1
1
VDS(V)
10
(A)
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.1
AM16022v1
Single pulse
0.05
0.02
0.01
δ=0.5
0.2
0.1
K
10
tp(s)
-5
10
-4
10
10
10
-1
10
-6
10
-2
-3
-2
10 -1
AM16025v1
Figure 6. Safe operating area for TO-220
Figure 7. Thermal impedance for TO-220
ID
1
0.1
0.1
1
VDS(V)
10
(A)
Operation
in
this
ar
ea
is
Limit
ed
by
max
RDS(on)
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.01
10
100
AM16023v1
Single pulse
0.05
0.02
0.01
δ=0.5
0.2
0.1
K
10
tp(s)
-5
10
-4
10
10
10
-1
10
-6
10
-2
-3
-2
10 -1
AM16026v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com