Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP25N10F7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP25N10F7
Description  Ultra low on-resistance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP25N10F7 Datasheet(HTML) 3 Page - STMicroelectronics

  STP25N10F7 Datasheet HTML 1Page - STMicroelectronics STP25N10F7 Datasheet HTML 2Page - STMicroelectronics STP25N10F7 Datasheet HTML 3Page - STMicroelectronics STP25N10F7 Datasheet HTML 4Page - STMicroelectronics STP25N10F7 Datasheet HTML 5Page - STMicroelectronics STP25N10F7 Datasheet HTML 6Page - STMicroelectronics STP25N10F7 Datasheet HTML 7Page - STMicroelectronics STP25N10F7 Datasheet HTML 8Page - STMicroelectronics STP25N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DocID025265 Rev 1
3/21
STD25N10F7, STF25N10F7, STP25N10F7
Electrical ratings
21
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK
TO-220
TO-220FP
V
DS
Drain-source voltage
100
V
V
GS
Gate-source voltage
± 20
V
I
D
(1)
1.
This value is rated according to R
thj-c
.
Drain current (continuous) at
T
C
= 25 °C
25
25
19
A
I
D
(1)
Drain current (continuous) at
T
C
= 100 °C
18
18
13.5
A
I
DM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
100
100
76
A
P
TOT
(1)
Total dissipation at T
C
= 25 °C
40
50
25
W
V
ISO
Insulation withstand voltage (RMS)
from all three leads to external heat
sink (t = 1 s; T
C
= 25 °C)
-2500
V
T
J
Operating junction temperature
-55 to 175
°C
T
stg
Storage temperature
°C
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
DPAK
TO-220FP
TO-220
R
thj-case
Thermal resistance junction-case
3.75
6
3
°C/W
R
thj-amb
Thermal resistance junction-ambient
62.5
°C/W
R
thj-pcb
Thermal resistance junction-pcb
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com