Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFILED524 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STFILED524
Description  Very low intrinsic capacitance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFILED524 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STFILED524 Datasheet HTML 13Page - STMicroelectronics STFILED524 Datasheet HTML 14Page - STMicroelectronics STFILED524 Datasheet HTML 15Page - STMicroelectronics STFILED524 Datasheet HTML 16Page - STMicroelectronics STFILED524 Datasheet HTML 17Page - STMicroelectronics STFILED524 Datasheet HTML 18Page - STMicroelectronics STFILED524 Datasheet HTML 19Page - STMicroelectronics STFILED524 Datasheet HTML 20Page - STMicroelectronics STFILED524 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DocID025164 Rev 1
17/22
STDLED524,STFILED524,STPLED524,STULED524
Package mechanical data
Table 12. IPAK (TO-251) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.20
2.40
A1
0.90
1.10
b
0.64
0.90
b2
0.95
b4
5.20
5.40
B5
0.30
c
0.45
0.60
c2
0.48
0.60
D
6.00
6.20
E
6.40
6.60
e
2.28
e1
4.40
4.60
H
16.10
L
9.00
9.40
L1
0.80
1.20
L2
0.80
1.00
V1
10°
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com