Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFILED524 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STFILED524
Description  Very low intrinsic capacitance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFILED524 Datasheet(HTML) 3 Page - STMicroelectronics

  STFILED524 Datasheet HTML 1Page - STMicroelectronics STFILED524 Datasheet HTML 2Page - STMicroelectronics STFILED524 Datasheet HTML 3Page - STMicroelectronics STFILED524 Datasheet HTML 4Page - STMicroelectronics STFILED524 Datasheet HTML 5Page - STMicroelectronics STFILED524 Datasheet HTML 6Page - STMicroelectronics STFILED524 Datasheet HTML 7Page - STMicroelectronics STFILED524 Datasheet HTML 8Page - STMicroelectronics STFILED524 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DocID025164 Rev 1
3/22
STDLED524,STFILED524,STPLED524,STULED524
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK,
IPAK
I2PAKFP
TO-220
VDS
Drain-source voltage
525
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
4.0
4.0(1)
1.
Limited only by maximum temperature allowed.
4.0
A
ID
Drain current (continuous) at TC = 100 °C
2.9
2.9(1)
2.9
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
14
14(1)
14
A
PTOT
Total dissipation at TC = 25 °C
45
20
45
W
IAR
Avalanche current, repetitive or not-
repetitive (pulse width limited by TJ max.)
1.3
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAR, VDD = 50 V)
110
mJ
dv/dt(3)
3.
ISD ≤ 2.5 A, di/dt ≤ 400 A/µs, VDS peak ≤ V(BR)DSS, VDD = 80% V(BR)DSS.
Peak diode recovery voltage slope
12
V/ns
VISO
Insulation withstand voltage (AC)
2500
V
TJ
Tstg
Operating junction temperature
Storage temperature
- 55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
DPAK
I²PAKFP
TO-220
IPAK
Rthj-case Thermal resistance junction-case max.
2.78
6.25
2.78
°C/W
Rthj-amb
Thermal resistance junction-ambient max.
62.5
100
°C/W
Rthj-pcb
(1)
1.
When mounted on 1inch sq FR-4 board, 2 oz Cu.
Thermal resistance junction-pcb max.
50
°C/W
TI
Maximum lead temperature for soldering
purpose
300
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com