Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDLED623 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STDLED623
Description  Very low intrinsic capacitance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDLED623 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STDLED623 Datasheet HTML 2Page - STMicroelectronics STDLED623 Datasheet HTML 3Page - STMicroelectronics STDLED623 Datasheet HTML 4Page - STMicroelectronics STDLED623 Datasheet HTML 5Page - STMicroelectronics STDLED623 Datasheet HTML 6Page - STMicroelectronics STDLED623 Datasheet HTML 7Page - STMicroelectronics STDLED623 Datasheet HTML 8Page - STMicroelectronics STDLED623 Datasheet HTML 9Page - STMicroelectronics STDLED623 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STDLED623, STULED623
6/18
DocID025178 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for DPAK and
IPAK
Figure 3. Thermal impedance for DPAK and
IPAK
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.01
AM15326v1
ID
3
2
1
0
0
10
VDS(V)
20
(A)
5
15
25
4
5
5V
6V
7V
VGS=10V
AM09184v1
ID
1.5
1.0
0.5
0
0
4
VGS(V)
8
(A)
2
6
2.0
2.5
3.0
3.5
VDS=15V
1
5
3
7
9
AM00889v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
8
10
15
10
VDD=496V
ID=2.2A
12
300
200
100
0
400
500
VDS
AM09186v1
RDS(on)
3.0
2.9
2.8
2.7
0
1.0
ID(A)
(
Ω)
0.5
1.5
3.1
3.2
3.3
VGS=10V
2.0
AM09187v1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com